Electronic Components Datasheet Search
  English  ▼

X  

TPS77115DGK Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS77115DGK
Description  150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS77115DGK Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS77115DGK Datasheet HTML 4Page - Texas Instruments TPS77115DGK Datasheet HTML 5Page - Texas Instruments TPS77115DGK Datasheet HTML 6Page - Texas Instruments TPS77115DGK Datasheet HTML 7Page - Texas Instruments TPS77115DGK Datasheet HTML 8Page - Texas Instruments TPS77115DGK Datasheet HTML 9Page - Texas Instruments TPS77115DGK Datasheet HTML 10Page - Texas Instruments TPS77115DGK Datasheet HTML 11Page - Texas Instruments TPS77115DGK Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
TPS77101/115/118/127/128/133/150 WITH RESET OUTPUT
TPS77201/215/218/227/228/233/250 WITH POWER GOOD OUTPUT
150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
SLVS225D – FEBRUARY 2000 – REVISED OCTOBER 2000
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating junction temperature range (–40
°C to
125
°C), VI = VO(typ) + 1 V, IO = 1 mA, EN = 0 V, CO = 10 µF (unless otherwise noted) (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Minimum input voltage for valid PG
I(PG) = 300µA
V(PG) ≤ 0.8 V
1.1
V
PG
Trip threshold voltage
VO decreasing
79
85
%VO
PG
(TPS772xx)
Hysteresis voltage
Measured at VO
0.5
%VO
(TPS772xx)
Output low voltage
VI = 2.7 V,
I(PG) = 1mA
0.15
0.4
V
Leakage current
V(PG) = 5 V
1
µA
Minimum input voltage for valid RESET
I(RESET) = 300 µA
1.1
V
Trip threshold voltage
VO decreasing
92
98
%VO
Reset
Hysteresis voltage
Measured at VO
0.5
%VO
Reset
(TPS771xx)
Output low voltage
VI = 2.7 V,
I(RESET) = 1 mA
0.15
0.4
V
Leakage current
V(RESET) = 5 V
1
µA
RESET time-out delay
220
ms
2 8 V Output
IO = 150 mA,
TJ = 25°C
150
2.8-V Output
IO = 150 mA,
265
V
Dropout voltage (see Note 6)
3 3 V Output
IO = 150 mA,
TJ = 25°C
115
mV
VDO
Dropout voltage (see Note 6)
3.3-V Output
IO = 150 mA
200
mV
5 0 V Output
IO = 150 mA,
TJ = 25°C
75
5.0-V Output
IO = 150 mA
115
NOTE 6: IN voltage equals VO(typ) – 100 mV; 1.5 V, 1.8 V, and 2.7 V dropout voltage limited by input voltage range limitations (i.e., 3.3 V input
voltage needs to drop to 3.2 V for purpose of this test).
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
V
Output voltage
vs Output current
2, 3
VO
Output voltage
vs Junction temperature
4, 5
Ground current
vs Junction temperature
6
Power supply rejection ratio
vs Frequency
7
Output spectral noise density
vs Frequency
8
Zo
Output impedance
vs Frequency
9
V
Dropout voltage
vs Input voltage
10
VDO
Dropout voltage
vs Junction temperature
11
Line transient response
12, 14
Load transient response
13, 15
Output voltage and enable pulse
vs Time
16
Equivalent series resistance (ESR)
vs Output current
18 – 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com