Electronic Components Datasheet Search
  English  ▼

X  

TPS77115DGK Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS77115DGK
Description  150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS77115DGK Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS77115DGK Datasheet HTML 9Page - Texas Instruments TPS77115DGK Datasheet HTML 10Page - Texas Instruments TPS77115DGK Datasheet HTML 11Page - Texas Instruments TPS77115DGK Datasheet HTML 12Page - Texas Instruments TPS77115DGK Datasheet HTML 13Page - Texas Instruments TPS77115DGK Datasheet HTML 14Page - Texas Instruments TPS77115DGK Datasheet HTML 15Page - Texas Instruments TPS77115DGK Datasheet HTML 16Page - Texas Instruments TPS77115DGK Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
TPS77101/115/118/127/128/133/150 WITH RESET OUTPUT
TPS77201/215/218/227/228/233/250 WITH POWER GOOD OUTPUT
150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
SLVS225D – FEBRUARY 2000 – REVISED OCTOBER 2000
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
t – Time – ms
TPS77x33
OUTPUT VOLTAGE AND
ENABLE PULSE
vs
TIME (AT STARTUP)
0
2.0
0
0
EN
0.2
1.8
1.6
1.4
1.2
1.0
0.4
0.6
0.8
CO = 10 µF
TJ = 25°C
Figure 16
IN
EN
OUT
+
GND
CO
ESR
RL
VI
To Load
Figure 17. Test Circuit for Typical Regions of Stability (Figures 18 through 21) (Fixed Output Options)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com