Electronic Components Datasheet Search
  English  ▼

X  

TPS77115DGK Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TPS77115DGK
Description  150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS77115DGK Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS77115DGK Datasheet HTML 10Page - Texas Instruments TPS77115DGK Datasheet HTML 11Page - Texas Instruments TPS77115DGK Datasheet HTML 12Page - Texas Instruments TPS77115DGK Datasheet HTML 13Page - Texas Instruments TPS77115DGK Datasheet HTML 14Page - Texas Instruments TPS77115DGK Datasheet HTML 15Page - Texas Instruments TPS77115DGK Datasheet HTML 16Page - Texas Instruments TPS77115DGK Datasheet HTML 17Page - Texas Instruments TPS77115DGK Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
TPS77101/115/118/127/128/133/150 WITH RESET OUTPUT
TPS77201/215/218/227/228/233/250 WITH POWER GOOD OUTPUT
150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
SLVS225D – FEBRUARY 2000 – REVISED OCTOBER 2000
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 18
0.1
0
50
100
150
TYPICAL REGION OF STABILITY
EQUIVALENT SERIES RESISTANCE†
vs
OUTPUT CURRENT
10
IO – Output Current – mA
1
VO = 3.3 V
CO = 1 µF
VI = 4.3 V
TJ = 25°C
Region of Stability
Region of Instability
Region of Instability
Figure 19
0.1
0
50
100
150
TYPICAL REGION OF STABILITY
EQUIVALENT SERIES RESISTANCE†
vs
OUTPUT CURRENT
10
IO – Output Current – mA
1
0.01
Region of Instability
Region of Instability
VO = 3.3 V
CO = 10 µF
VI = 4.3 V
TJ = 25°C
Region of Stability
Figure 20
0.1
0
50
100
150
TYPICAL REGION OF STABILITY
EQUIVALENT SERIES RESISTANCE†
vs
OUTPUT CURRENT
10
IO – Output Current – mA
1
VO = 3.3 V
CO = 1 µF
VI = 4.3 V
TJ = 125 °C
Region of Stability
Region of Instability
Region of Instability
Figure 21
0.1
0
50
100
150
TYPICAL REGION OF STABILITY
EQUIVALENT SERIES RESISTANCE†
vs
OUTPUT CURRENT
10
IO – Output Current – mA
1
Region of Stability
Region of Instability
0.01
Region of Instability
VO = 3.3 V
CO = 10 µF
VI = 4.3 V
TJ = 125°C
† Equivalent series resistance (ESR) refers to the total series resistance, including the ESR of the capacitor, any series resistance added
externally, and PWB trace resistance to CO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com