Electronic Components Datasheet Search
  English  ▼

X  

TPS77115DGK Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TPS77115DGK
Description  150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS77115DGK Datasheet(HTML) 15 Page - Texas Instruments

Back Button TPS77115DGK Datasheet HTML 11Page - Texas Instruments TPS77115DGK Datasheet HTML 12Page - Texas Instruments TPS77115DGK Datasheet HTML 13Page - Texas Instruments TPS77115DGK Datasheet HTML 14Page - Texas Instruments TPS77115DGK Datasheet HTML 15Page - Texas Instruments TPS77115DGK Datasheet HTML 16Page - Texas Instruments TPS77115DGK Datasheet HTML 17Page - Texas Instruments TPS77115DGK Datasheet HTML 18Page - Texas Instruments TPS77115DGK Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
TPS77101/115/118/127/128/133/150 WITH RESET OUTPUT
TPS77201/215/218/227/228/233/250 WITH POWER GOOD OUTPUT
150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
SLVS225D – FEBRUARY 2000 – REVISED OCTOBER 2000
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
pin functions
enable (EN)
The EN terminal is an input which enables or shuts down the device. If EN is a logic high, the device will be in
shutdown mode. When EN goes to logic low, then the device will be enabled.
power good (PG) (TPS772xx)
The PG terminal is an open drain, active high output that indicates the status of Vout (output of the LDO). When
Vout reaches 82% of the regulated voltage, PG will go to a high-impedance state. It will go to a low-impedance
state when Vout falls below 82% (i.e. over load condition) of the regulated voltage. The open drain output of the
PG terminal requires a pullup resistor.
sense (SENSE)
The SENSE terminal of the fixed-output options must be connected to the regulator output, and the connection
should be as short as possible. Internally, SENSE connects to a high-impedance wide-bandwidth amplifier
through a resistor-divider network and noise pickup feeds through to the regulator output. It is essential to route
the SENSE connection in such a way to minimize/avoid noise pickup. Adding RC networks between the SENSE
terminal and Vout to filter noise is not recommended because it may cause the regulator to oscillate.
feedback (FB)
FB is an input terminal used for the adjustable-output options and must be connected to an external feedback
resistor divider. The FB connection should be as short as possible. It is essential to route it in such a way to
minimize/avoid noise pickup. Adding RC networks between FB terminal and Vout to filter noise is not
recommended because it may cause the regulator to oscillate.
reset (RESET) (TPS771xx)
The RESET terminal is an open drain, active low output that indicates the status of Vout. When Vout reaches 95%
of the regulated voltage, RESET will go to a high-impedance state after a 220-ms delay. RESET will go to a
low-impedance state when Vout is below 95% of the regulated voltage. The open-drain output of the RESET
terminal requires a pullup resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com