Electronic Components Datasheet Search
  English  ▼

X  

TPS77115DGK Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS77115DGK
Description  150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS77115DGK Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS77115DGK Datasheet HTML 6Page - Texas Instruments TPS77115DGK Datasheet HTML 7Page - Texas Instruments TPS77115DGK Datasheet HTML 8Page - Texas Instruments TPS77115DGK Datasheet HTML 9Page - Texas Instruments TPS77115DGK Datasheet HTML 10Page - Texas Instruments TPS77115DGK Datasheet HTML 11Page - Texas Instruments TPS77115DGK Datasheet HTML 12Page - Texas Instruments TPS77115DGK Datasheet HTML 13Page - Texas Instruments TPS77115DGK Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
TPS77101/115/118/127/128/133/150 WITH RESET OUTPUT
TPS77201/215/218/227/228/233/250 WITH POWER GOOD OUTPUT
150-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
SLVS225D – FEBRUARY 2000 – REVISED OCTOBER 2000
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
TPS77xxx
GROUND CURRENT
vs
JUNCTION TEMPERATURE
TJ – Junction Temperature – °C
95
90
85
80
–40
10
60
100
105
115
110
160
110
IO = 150 mA
IO = 1 mA
Figure 6
Figure 7
50
10
20
0
10
100
1k
10k
70
90
f – Frequency – Hz
TPS77x33
POWER SUPPLY REJECTION RATIO
vs
FREQUENCY
100
100k
10M
80
30
40
60
1M
IO = 150 mA
CO = 10 µF
TJ = 25°C
IO = 1 mA
Figure 8
TPS77x33
OUTPUT SPECTRAL NOISE DENSITY
vs
FREQUENCY
f – Frequency – Hz
100
1k
10k
100k
10
1
IO = 1 mA
IO = 150 mA
0.1
0.01
CO = 10 µF
TJ = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com