Electronic Components Datasheet Search
  English  ▼

X  

AM5728 Datasheet(PDF) 234 Page - Texas Instruments

Click here to check the latest version.
Part # AM5728
Description  Sitara Processors Silicon Revision 2.0
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM5728 Datasheet(HTML) 234 Page - Texas Instruments

Back Button AM5728 Datasheet HTML 230Page - Texas Instruments AM5728 Datasheet HTML 231Page - Texas Instruments AM5728 Datasheet HTML 232Page - Texas Instruments AM5728 Datasheet HTML 233Page - Texas Instruments AM5728 Datasheet HTML 234Page - Texas Instruments AM5728 Datasheet HTML 235Page - Texas Instruments AM5728 Datasheet HTML 236Page - Texas Instruments AM5728 Datasheet HTML 237Page - Texas Instruments AM5728 Datasheet HTML 238Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 415 page
background image
234
AM5729, AM5728, AM5726
SPRS953F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM5729 AM5728 AM5726
Timing Requirements and Switching Characteristics
Copyright © 2015–2019, Texas Instruments Incorporated
Table 7-14. Manual Functions Mapping for VIP3 (continued)
BALL
BALL NAME
VIP3_MANUAL1
VIP3_MANUAL2
CFG REGISTER
MUXMODE
A_DELA
Y (ps)
G_DELA
Y (ps)
A_DELA
Y (ps)
G_DELA
Y (ps)
7
9
D18
xref_clk0
681
0
824
0
CFG_XREF_CLK0_IN
vin6a_d0
-
E17
xref_clk1
21
0
0
0
CFG_XREF_CLK1_IN
vin6a_clk0
-
7.7
Display Subsystem – Video Output Ports
Three Display Parallel Interfaces (DPI) channels are available in DSS named DPI Video Output 1, DPI
Video Output 2 and DPI Video Output 3.
NOTE
The DPI Video Output i (i = 1 to 3) interface is also referred to as VOUTi.
Every VOUT interface consists of:
•
24-bit data bus (data[23:0])
•
Horizontal synchronization signal (HSYNC)
•
Vertical synchronization signal (VSYNC)
•
Data enable (DE)
•
Field ID (FID)
•
Pixel clock (CLK)
NOTE
For more information, see the Display Subsystem chapter of the Device TRM.
CAUTION
The IO timings provided in this section are only valid if signals within a single
IOSET are used. The IOSETs are defined in the Table 7-19 and Table 7-20.
CAUTION
The IO Timings provided in this section are only valid for some DSS usage
modes when the corresponding Virtual IO Timings or Manual IO Timings are
configured as described in the tables found in this section.
CAUTION
All pads/balls configured as vouti_* signals are recommended to use slow slew
rate by setting the corresponding CTRL_CORE_PAD_*[SLEWCONTROL]
register field to SLOW (0b1). FAST slew setting is allowed, but results in faster
edge rates on the VOUTn bus, higher power/ground noise, and higher EMI
emissions compared to SLOW slew rate.
Table 7-15, Table 7-16 and Figure 7-6 assume testing over the recommended operating conditions and
electrical characteristic conditions
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com