Electronic Components Datasheet Search
  English  ▼

X  

CSU18MB86 Datasheet(PDF) 53 Page - Core Technology (Shenzhen) Co., Ltd.

Part # CSU18MB86
Description  MTP ROM 8 RISC MCU
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPSEA [Core Technology (Shenzhen) Co., Ltd.]
Direct Link  http://www.chipsea.com/
Logo CHIPSEA - Core Technology (Shenzhen) Co., Ltd.

CSU18MB86 Datasheet(HTML) 53 Page - Core Technology (Shenzhen) Co., Ltd.

Back Button CSU18MB86 Datasheet HTML 49Page - Core Technology (Shenzhen) Co., Ltd. CSU18MB86 Datasheet HTML 50Page - Core Technology (Shenzhen) Co., Ltd. CSU18MB86 Datasheet HTML 51Page - Core Technology (Shenzhen) Co., Ltd. CSU18MB86 Datasheet HTML 52Page - Core Technology (Shenzhen) Co., Ltd. CSU18MB86 Datasheet HTML 53Page - Core Technology (Shenzhen) Co., Ltd. CSU18MB86 Datasheet HTML 54Page - Core Technology (Shenzhen) Co., Ltd. CSU18MB86 Datasheet HTML 55Page - Core Technology (Shenzhen) Co., Ltd. CSU18MB86 Datasheet HTML 56Page - Core Technology (Shenzhen) Co., Ltd. CSU18MB86 Datasheet HTML 57Page - Core Technology (Shenzhen) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 109 page
background image
增强功能
R
RE
EV
V..1
1..3
3
第
第 5533 页
页,
,共
共 110099
页
页
CSU18MB86 系列
表 3-1 稳压电路寄存器列表
地址
名称
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
上电复位值
1CH
NETE
LDOS[1:0]
-
SILB[2:0]
ENLB
LB_RST_CON
00u00000
1DH
NETF
-
-
LDOEN
-
BGID[1:0]
-
u00uu01u
NETE 寄存器(地址=1CH)
特性
R/W-0
R/W-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
NETE
LDOS[1:0]
SILB[2:0]
ENLB
LB_RST_CON
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Bit7~6 LDOS[1:0]:VS 电压值选择
LDOS[1:0] 00 VS=3.0V
LDOS[1:0] 01 VS=2.8V
LDOS[1:0] 10 VS=2.45V
LDOS[1:0] 11 VS=2.35V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com