Electronic Components Datasheet Search
  English  ▼

X  

SC1905 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # SC1905
Description  698MHz to 3800MHz RF Power Amplifier Linearizer (RFPAL)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

SC1905 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button SC1905 Datasheet HTML 2Page - Maxim Integrated Products SC1905 Datasheet HTML 3Page - Maxim Integrated Products SC1905 Datasheet HTML 4Page - Maxim Integrated Products SC1905 Datasheet HTML 5Page - Maxim Integrated Products SC1905 Datasheet HTML 6Page - Maxim Integrated Products SC1905 Datasheet HTML 7Page - Maxim Integrated Products SC1905 Datasheet HTML 8Page - Maxim Integrated Products SC1905 Datasheet HTML 9Page - Maxim Integrated Products SC1905 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Pin Description
PIN
NAME
FUNCTION
TYPE
1
DVDD18
+1.8V DC Supply Voltage for Digital Circuits.
Supply
2
MGPOUT
0
Do Not Connect. Reserved for internal use.
Analog
Out
3
MGPOUT
1
Do Not Connect. Reserved for internal use.
Analog
Out
4
AVDD18
+1.8V DC Supply Voltage for Analog Circuits
Supply
5
AVDD33
+3.3V DC Supply Voltage for Analog Circuits
Supply
6
GND
Ground
Supply
7
Ground for Shield of RF Signal
RF Shield
8
RFOUTP
RF Output Signal, Differential Positive Output.
Analog
Out
9
RFOUTN
RF Output Signal, Differential Negative Output
Analog
Out
10
GND
Ground for Shield of RF Signal.
RF Shield
11, 12
AVDD18
+1.8V DC Supply Voltage for Analog Circuits.
Supply
Supply
13
MGPOUT
2
Do Not Connect. Reserved for internal use.
Analog
Out
14
MGPOUT
3
Do Not Connect. Reserved for internal use.
Analog
Out
15
GND
Ground
Supply
16
BGRES
Bandgap Resistor.
Analog In
17
AVDD33
+3.3V DC Supply Voltage for Analog Circuits.
Supply
18
GND
Ground for Shield of RF Signal.
RF Shield
19
RFINP
RF Input Signal, Differential Positive Input.
Analog In
20
RFINN
RF Input Signal, Differential Negative Input.
Analog In
21
GND
Ground for Shield of RF Signal.
RF Shield
22
AVDD18
+1.8V DC Supply Voltage for Analog Circuits.
Supply
23
AVDD33
+3.3V DC Supply Voltage for Analog Circuits.
Supply
24
ADCIN0P
Do Not Connect. Reserved for internal use.
Analog In
25
ADCIN0N
Do Not Connect. Reserved for internal use.
Analog In
26
ADCIN1P
Do Not Connect. Reserved for internal use.
Analog In
27
ADCIN1N
Do Not Connect. Reserved for internal use.
Analog In
28
AVDD33
+3.3V DC Supply Voltage for Analog Circuits.
Supply
29
GND
Ground for Shield of RF Signal.
RF Shield
30
RFFBP
RF Feedback Signal, Differential Positive Input.
Analog In
31
RFFBN
RF Feedback Signal, Differential Negative Input.
Analog In
32
GND
Ground for Shield of RF Signal.
RF Shield
33
FLTCAP0
P
Dedicated External Filter Capacitor #0.
Analog
Out
SC1905
698MHz to 3800MHz RF Power Amplifier Linearizer
(RFPAL)
www.maximintegrated.com
Maxim Integrated | 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com