Electronic Components Datasheet Search
  English  ▼

X  

SC1905 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # SC1905
Description  698MHz to 3800MHz RF Power Amplifier Linearizer (RFPAL)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

SC1905 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button SC1905 Datasheet HTML 5Page - Maxim Integrated Products SC1905 Datasheet HTML 6Page - Maxim Integrated Products SC1905 Datasheet HTML 7Page - Maxim Integrated Products SC1905 Datasheet HTML 8Page - Maxim Integrated Products SC1905 Datasheet HTML 9Page - Maxim Integrated Products SC1905 Datasheet HTML 10Page - Maxim Integrated Products SC1905 Datasheet HTML 11Page - Maxim Integrated Products SC1905 Datasheet HTML 12Page - Maxim Integrated Products SC1905 Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Applications Information
External Clock (XTALI) Requirements
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
External Clock Frequency*
10
20
30.72
MHz
External Clock Frequency Accuracy
1
%
External Clock Frequency Drift
Including aging and temperature
100
ppm
Duty Cycle
Square wave
45
55
%
External Clock Amplitude
Sine or square wave
500
1500
mVp-p
External Clock Phase
At 100kHz
-130
dBc/Hz
*Selecting an external reference clock frequency other than 20MHz requires programming the SC1905 through the SPI
bus. See SPI Programming Guide and Hardware Design Guide for more information. User may program the SC1905 to
accept the following clock frequencies: 10MHz, 13MHz, 15.36MHz, 19.2MHz, 20MHz, 26MHz, and 30.72MHz.
Crystal Requirements
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ESR
50
Ω
Capacitive Load to Ground
10
12
pF
Frequency Accuracy
250
ppm
Frequency Drift
Including aging and temerature
100
ppm
Auxiliary Documentation
From a programming perspective, the SC1905, like previous RFPAL products, is quite complex. An entire document, the
SC1905 SPI Programming Guide, is dedicated to describing how the host communicates with the SC1905. It describes
the communication protocol in addition to the addresses of all the variables and and parameters for monitoring the status
and configuration of the SC1905.
For guidance on how to design the SC1905 into a system; for example, recommendations on PCB layout, regulator and
delay line selection etc. please refer to the SC1905 Hardware Design Guide. The Firmware 6.0.01.00 Release Notes
provide data on linearization performance of the firmware. These auxiliary documents are available on the SC1905
product web page on Maxim's website.
SC1905
698MHz to 3800MHz RF Power Amplifier Linearizer
(RFPAL)
www.maximintegrated.com
Maxim Integrated | 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com