Electronic Components Datasheet Search
  English  ▼

X  

SC1905 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # SC1905
Description  698MHz to 3800MHz RF Power Amplifier Linearizer (RFPAL)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

SC1905 Datasheet(HTML) 1 Page - Maxim Integrated Products

  SC1905 Datasheet HTML 1Page - Maxim Integrated Products SC1905 Datasheet HTML 2Page - Maxim Integrated Products SC1905 Datasheet HTML 3Page - Maxim Integrated Products SC1905 Datasheet HTML 4Page - Maxim Integrated Products SC1905 Datasheet HTML 5Page - Maxim Integrated Products SC1905 Datasheet HTML 6Page - Maxim Integrated Products SC1905 Datasheet HTML 7Page - Maxim Integrated Products SC1905 Datasheet HTML 8Page - Maxim Integrated Products SC1905 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
General Description
The SC1905 is a pin-compatible upgrade of the popular
SC1894 RF PA linearizer (RFPAL) supporting signal
bandwidths up to 100MHz. The SC1905 is a fully adaptive,
RFin/RFout predistortion linearization solution optimized
for a wide range of amplifiers, power levels, and communi-
cation protocols. The SC1905 uses the PA output and in-
put signals to adaptively generate an optimized correction
function in order to minimize the PA’s self-generated dis-
tortion and impairments. Using RF-domain analog signal
processing enables the SC1905 to operate over wide-sig-
nal bandwidths and consume very low power.
Design support features are accessed through the
SC1905’s serial peripheral interface (SPI) bus.
Applications
● 4G and 5G Cellular Infrastructure
• Single/Multicarrier, Multistandard: WCDMA, LTE,
and TD-LTE
• BTS Amplifiers, RRH, Booster Amplifiers,
Repeaters, Small Cells, Microcells, Picocells, DAS,
AAS, and MIMO Systems
● Wide Range of PAs and Output Power
• Amplifier: Class A/AB and Doherty
• PA Process: LDMOS, GaN, GaAs, and InGaP
● Any Application Requiring PA Linearization
Benefits and Features
● RFin/RFout PA Linearizer SoC in Standard CMOS
• Fully Adaptive Correction
● External Reference Clock Support:
• 10MHz, 13MHz, 15.36MHz, 19.2MHz, 20MHz,
26MHz, and 30.72MHz
● Low Power Consumption: 1280mW
● Frequency Range: 698MHz to 3800MHz
● Input Signal Bandwidth: 5MHz to 100MHz
● Packaged in 9mm x 9mm QFN Package
● Operating Case Temperature: -40°C to +105°C
● Fully RoHS Compliant, Green Materials
● Ease of Use
• Integrated RFin/RFout Solution
• Reduced SW Development
● Reduces System Power Consumption and OPEX
● Reduces BOM Costs, Area, and Total Volume
• Smaller Power Supply, Heat Sink, and Enclosure
• Small Implementation Size (< 6.5cm2)
Ordering Information appears at end of data sheet.
Click here for production status of specific part numbers.
SC1905
698MHz to 3800MHz RF Power Amplifier
Linearizer (RFPAL)
EVALUATION KIT AVAILABLE
19-100404; Rev 1; 10/18


Similar Part No. - SC1905

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
SC1905-EVKS MAXIM-SC1905-EVKS Datasheet
1Mb / 15P
Reduces System Power Consumption and OPEX
Rev 1; 4/19
More results

Similar Description - SC1905

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WH9A ETC1-WH9A Datasheet
105Kb / 2P
Linearizer
logo
Tyco Electronics
LG1 MACOM-LG1 Datasheet
65Kb / 1P
TO-8 THIN-FILM LINEARIZER
logo
M/A-COM Technology Solu...
LG1_SMLG1 MA-COM-LG1_SMLG1 Datasheet
153Kb / 3P
TO-8 Thin-Film Linearizer
logo
RF Micro Devices
RFLA9002 RFMD-RFLA9002 Datasheet
983Kb / 11P
Dual Low Noise Amplifier Module 698MHz to 960MHz
logo
Maxim Integrated Produc...
SC1894 MAXIM-SC1894 Datasheet
1Mb / 18P
225MHz to 3800MHz RF Power Amplifier Linearizer
Rev 1; 7/20
SC2200 MAXIM-SC2200 Datasheet
409Kb / 11P
Dual RF Power Amplifier Linearizer (RFPAL)
Rev 1; 6/16
SC1889 MAXIM-SC1889 Datasheet
110Kb / 10P
Adaptive RF Power Amplifier Linearizer and Dual RMS Power Measurement Unit
Rev 0.1; August 2014
logo
Qorvo, Inc
RFLA9002 QORVO-RFLA9002 Datasheet
983Kb / 11P
Dual Low Noise Amplifier Module 698MHz to 960MHz
logo
Renesas Technology Corp
F1792 RENESAS-F1792_V01 Datasheet
1Mb / 33P
RF Wideband Gain-Settable Downconverting Mixer 400MHz to 3800MHz
February 9, 2022
F1192 RENESAS-F1192 Datasheet
2Mb / 36P
RF Dual Wideband Gain-Settable Downconverting Mixer 400MHz to 3800MHz
2/22/2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com