Electronic Components Datasheet Search
  English  ▼

X  

SC1905 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # SC1905
Description  698MHz to 3800MHz RF Power Amplifier Linearizer (RFPAL)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

SC1905 Datasheet(HTML) 4 Page - Maxim Integrated Products

  SC1905 Datasheet HTML 1Page - Maxim Integrated Products SC1905 Datasheet HTML 2Page - Maxim Integrated Products SC1905 Datasheet HTML 3Page - Maxim Integrated Products SC1905 Datasheet HTML 4Page - Maxim Integrated Products SC1905 Datasheet HTML 5Page - Maxim Integrated Products SC1905 Datasheet HTML 6Page - Maxim Integrated Products SC1905 Datasheet HTML 7Page - Maxim Integrated Products SC1905 Datasheet HTML 8Page - Maxim Integrated Products SC1905 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Electrical Characteristics (continued)
(Operation at +25°C, A/DVDD18 = 1.85V, A/DVDD33 = 3.3V, A/DVDD18 = 1.85V, and 20MHz external clock, unless otherwise
specified.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RFIN_BLN Operating
Range
Average power, over PA output power
range
-44 to -4
dBm
RFFB_BLN Operating
Range
Average power, over PA output power
range
-54 to
-14
dBm
RF Input Range for Maximum Correction—3300MHz to 3800MHz
Minimum Peak
RFIN_BLN Level
When PA operates at maximum output
power. (Note 6) (Note 7)
+3
dBm
Peak RFIN_BLN Level
When PA operates at maximum output
power. (Note 6) (Note 7)
+9
dBm
Maximum Peak
RFIN_BLN Level
When PA operates at maximum output
power. (Note 6) (Note 7)
+11
dBm
Minimum Peak
RFFB_BLN Level
When PA operates at maximum output
power. (Note 6) (Note 7)
-12
dBm
Peak RFFB_BLN Level
When PA operates at maximum output
power. (Note 6) (Note 7)
-4
dBm
Maximum Peak
RFFB_BLN Level
When PA operates at maximum output
power. (Note 6) (Note 7)
-2
dBm
RFIN_BLN Operating
Range
Average power, over PA output power
range
-41 to +1
dBm
RFFB_BLN Operating
Range
Average power, over PA output power
range
-52 to
-12
dBm
Digital I/O - DC Characteristics
Minimum CMOS Input
Logic-Low
VIL
-0.3
V
Maximum CMOS Input
Logic-Low
VIL
+0.8
V
Minimum CMOS Input
Logic-High
VIH
VDD = 3.3V
2.0
V
Maximum CMOS Output
Logic-Low
VOL
0.4
V
Minimum CMOS Output
Logic-High
VOH
VDD = 3.3V
2.4
V
EEPROM Endurance
Minimum EEPROM
write/erase cycles
Page mode, +25°C
1M
E/W
Cycles
Note 1: Continuous adaptation, tracking.
Note 2: Power dissipation may be FW dependent. Refer to the FW release notes for any changes to values listed above.
Note 3: In the case where the carrier configuration is NON-fully occupied, then the average power delta between the two outermost
carriers must be ≤ 20dB, the carrier configuration must be static (no hopping), the outermost carriers must be ≥ 5MHz and the
center frequency must be stored in EEPROM.
Note 4: Correction performance across range of input signal BWs also depends on PA output power and carrier configuration.
Note 5: Characterized at typical voltages, +25°C operating case temperature, and 100MHz input signal bandwidth.
Note 6: Peak power is defined as the 10-4 point on the CCDF (complementary cumulative distribution function) of the signal.
Note 7: Referred to 50Ω impedance into a 1:2 balun.
SC1905
698MHz to 3800MHz RF Power Amplifier Linearizer
(RFPAL)
www.maximintegrated.com
Maxim Integrated | 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com