Electronic Components Datasheet Search
  English  ▼

X  

SC1905 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # SC1905
Description  698MHz to 3800MHz RF Power Amplifier Linearizer (RFPAL)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

SC1905 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button SC1905 Datasheet HTML 3Page - Maxim Integrated Products SC1905 Datasheet HTML 4Page - Maxim Integrated Products SC1905 Datasheet HTML 5Page - Maxim Integrated Products SC1905 Datasheet HTML 6Page - Maxim Integrated Products SC1905 Datasheet HTML 7Page - Maxim Integrated Products SC1905 Datasheet HTML 8Page - Maxim Integrated Products SC1905 Datasheet HTML 9Page - Maxim Integrated Products SC1905 Datasheet HTML 10Page - Maxim Integrated Products SC1905 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Pin Description (continued)
PIN
NAME
FUNCTION
TYPE
34
FLTCAP0
N
Dedicated External Filter Capacitor #0.
Analog
Out
35, 36
AVDD18
+1.8V DC Supply Voltage for Analog Circuits.
Supply
Supply
37
FLTCAP1
P
Dedicated External Filter Capacitor #1.
Analog
Out
38
FLTCAP1
N
Dedicated External Filter Capacitor #1.
Analog
Out
39
FLTCAP2
P
Dedicated External Filter Capacitor #2.
Analog
Out
40
FLTCAP2
N
Dedicated External Filter Capacitor #2.
Analog
Out
41, 42
AVDD18
+1.8V DC Supply Voltage for Analog Circuits.
Supply
Supply
43
FLTCAP3
P
Dedicated External Filter Capacitor #3.
Analog
Out
44
FLTCAP3
N
Dedicated External Filter Capacitor #3.
Analog
Out
45
XTALI
Crystal Input. For standard internal clock, connect crystal or ceramic resonator from XTALI
to XTALO. May alternatively be driven by an external clock.
Analog In
46
XTALO
Crystal Output. Excitation driver for crystal or ceramic resonator.
Analog
Out
47
AVDD18
+1.8V DC Supply Voltage for Analog Circuits.
Supply
48
DVDD18
+1.8V DC Supply Voltage for Digital Circuits.
Supply
49
RESETN
Active-Low Reset Input. Has internal pullup to DVDD33.
Digital In
50
WDTENB
Watch Dog Timer Enable. WDTENB enabled when high. Has internal pullup to DVDD33.
See applications schematic for further details.
Digital In
51
SCLK
SPI Clock. Has internal pulldown to GND.
Digital In
52
SSN
SPI Slave Select Enabled "Low". Has internal pullup to DVDD33.
Digital In
53
SDI
SPI Slave Data Input to RFPAL. Has internal pulldown to GND.
Digital In
54
SDO
SPI Slave Data Output from RFPAL. Tri-state. DVDD33 logic.
Digital Out
55
DVDD18
+1.8V DC Supply Voltage for Digital Circuits.
Supply
56
DGPIN1
Digital General Purpose Input 1. Has internal pullup to DVDD33. See Firmware Release
Notes for further details.
Digital In
57
STATO
General Purpose Status Output, as Defined in Firmware Release Notes. Open-drain output
with internal pullup to DVDD33.
Digital Out
58
DVDD33
+3.3V DC Supply Voltage for Digital Circuits.
Supply
59
DVDD18
+1.8V DC Supply Voltage for Digital Circuits.
Supply
60
LOADENB
Load Enable. Required for FW upgrades. Has internal pulldown to GND. See applications
schematic for further details.
Digital In
61
TESTSEL
1
Do Not Connect. Reserved for internal use. Has internal pulldown to GND.
Reserved
SC1905
698MHz to 3800MHz RF Power Amplifier Linearizer
(RFPAL)
www.maximintegrated.com
Maxim Integrated | 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com