Electronic Components Datasheet Search
  English  ▼

X  

AM2321 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # AM2321
Description  Digital Temperature and Humidity Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AM2321 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button AM2321 Datasheet HTML 6Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 7Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 8Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 9Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 10Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 11Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 12Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 13Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
- 9 -
interface devices can be connected to the same I C bus, through the device address to distinguish
between them. I C bus addressing procedure is usually starting at the first byte determines the
conditions to choose which one from the host machine, the seven addressable address (the other is a
10-bit addressing addresses differ the sensor uses seven addressable address). Bit of the first byte of
the definition shown in Figure 10, the first byte of the first seven constitute the slave address, the
least significant bit (LSB) is the first 8. It determines the direction of the packet, the lowest bit of the
first byte (LSB) is "0": Indicates that the host will write information to the selected slave; "1"
indicates that the host will read information from the machine to.
Figure 10: The first byte after the START condition
After sending an address, each device in the system after the initial conditions, the head seven
comparison with its own address, if different, the device will think it is the host address, as a slave on
the receiver or from a machine the transmitter consists of R / W bits. The host is the master device, it
does not require the device address, other devices are all slaves, to have the device address. Must
ensure that the same I C bus address all slaves are uniquely determined, can’t be duplicated,
otherwise I C-bus will not work properly.
◎The basic data format diagram
Figure 11, Figure 12 shows the basic format of each of I C transmission and reception of
data. It should be noted that the situation in Figure 11 and Figure 12 is different, in Figure 11, the
host at the time of sending the last byte of data to the slave, the slave may also be a non-answer
answer, but in any case the host can generate stop condition. If the host sends data to the machine
(even including slave address) from the detection of non-response from the machine, you should
promptly stop transmission.
Figure 11: C bus master sends the data to the machine from the basic format
2
2
2
2
2
Aosong Guangzhou Electronics Co., Ltd.
Order Phone: 4006 305378
Enterprise QQ: 4006305378
www.aosong.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com