Electronic Components Datasheet Search
  English  ▼

X  

AM2321 Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # AM2321
Description  Digital Temperature and Humidity Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AM2321 Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button AM2321 Datasheet HTML 22Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 23Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 24Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 25Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 26Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 27Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 28Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 29Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 30Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
- 25 -
transmit a response signal, the data sent from the data bus 40Bit SDA serial high byte is transmitted
first; data is sequentially transmitted high humidity, low humidity, high temperature, low temperature,
the parity bit , sent a message to trigger the end of data collection, collecting sensor automatically
transferred to the end of the sleep mode until the next traffic coming.
Detailed timing signal characteristics are shown in Table 10, a single bus communication timing
diagram shown in Figure 21.
Figure 21: AM2321 single bus communication timing
Note: The temperature and humidity data from the AM2321 host always read the previous measurement, the
measurement interval twice as long, please read twice in a row is the second time in the real-time temperature and
humidity values, while two read take a minimum interval 2S.
Table 10 : single bus signal characteristics
Symbol
Parameter
min
typ
max
unit
T be
Host starting signal low time
0.8
1
20
ms
T go
Host Bus release time
20
30
200
µ S
T rel
Response time low
75
80
85
µ S
T reh
Response time high
75
80
85
µ S
T low
Signal "0", "1" low time
48
50
55
µ S
T h0
Signal "0" High Time
22
26
30
µ S
T h1
Signal "1" High Time
68
70
75
µ S
T en
Sensor releases the bus time
45
50
55
µ S
8.3.4 Peripheral reading step example
Communication between the host and the sensor reads the data can be done through the
following three steps.
Step One:
AM2321 after power (power after AM2321 2S to wait to cross the unstable state, during the
reading device can not send any commands), test environment temperature and humidity data, and
record the data, then the sensor automatically transferred to a dormant state. The SDA data line
AM2321 by resistance and pulling high has been to maintain a high level, then the AM2321 SDA pin
is in the input state, always detect external signals.
Step Two:
Microprocessor I / O is set to output, while the output low and low retention time can’t be less
than 800us, typical values are pulled 1MS, then the microprocessor I / O is set to enter the state, the
release of the bus, Since the pull-up resistor, the microprocessor I / O data lines that AM2321 the
SDA also will go high, and so the host releases the bus, AM2321 sends a response signal, the output
Note: To ensure accurate
communication
of
the
sensor,
the
user
when
reading the signal, in strict
accordance with Table 10
and Figure 21, the design
parameters and timing
Aosong Guangzhou Electronics Co., Ltd.
Order Phone: 4006 305378
Enterprise QQ: 4006305378
www.aosong.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com