Electronic Components Datasheet Search
  English  ▼

X  

AM2321 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # AM2321
Description  Digital Temperature and Humidity Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AM2321 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button AM2321 Datasheet HTML 10Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 11Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 12Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 13Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 14Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 15Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 16Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 17Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
- 13 -
Retention
0x04
Device ID (24-31) Bit
0x0C
Retention
0x14
Retention
0x1C
Retention
0x05
Device ID (24-31) Bit
0x0D
Retention
0x15
Retention
0x1D
Retention
0x06
Device ID (24-31) Bit
0x0E
Retention
0x16
Retention
0x1E
Retention
0x07
Status Register
0x0F
Retention
0x17
Retention
0x1F
◎Temperature output format
Temperature resolution is 16Bit, temperature highest bit (Bit15) is equal to 1 indicates a
negative temperature, the temperature highest bit (Bit15) is equal to 0 indicates a positive
temperature; temperature in addition to the most significant bit (Bit14 ~ Bit0) indicates the
temperature sensor string value. Temperature sensor value is a string of 10 times the actual
temperature value.
◎Status Register
Status Register, Bit7-Bit0 bit, temporarily reserved
Status
register
bits
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Features
Retention
Retention
Retention
Retention
Retention
Retention
Retention
Retention
◎I C Mod Bus Function Code Description
1. Function code "03": Read registers multiplexed sensor
The host sends reading frame format:
START + (I C address + W) + function code (0x03) + start address + number of registers
+ STOP
Host read return data:
START + (I C address + R) + sequential read sensor data returned + STOP
Sensor response frame format:
Function code (0x03) + number + data +CRC
For example: Host sequential read sensor data: the starting address for the register data of four
sensors 0x00.
Sensor data register address and data:
Register Address
Register data
Data Description
Register Address
Register data
Data Description
0x00
0x01
High humidity
0x02
0x00
High temperature
0x01
0XF4
Low humidity
0x03
0xFA
Low temperature
Host message format sent:
The host sends
Byte count
Transmitting information
Remarks
Sensor address
1
0xB8
Sensor C address (0xB8) + W (0)
2
2
2
]
1
[
Aosong Guangzhou Electronics Co., Ltd.
Order Phone: 4006 305378
Enterprise QQ: 4006305378
www.aosong.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com