Electronic Components Datasheet Search
  English  ▼

X  

AM2321 Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # AM2321
Description  Digital Temperature and Humidity Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AM2321 Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button AM2321 Datasheet HTML 19Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 20Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 21Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 22Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 23Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 24Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 25Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 26Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
- 22 -
Note: SLA = I2C address 0xB8. Table CRC parity bit, CRC was 16, the low byte first, high byte。
Return error code: 0x80: not support function code 0x81: Read an illegal address 0x82: write
data beyond the scope
0x83: CRC checksum error 0x84: Write disabled.
8.3 Single bus communication (ONE-WIRE)
8.3.1 Single bus typical circuit
Connection with the AM2321 microprocessor typical application circuit shown in Figure 19.
When single-bus communication mode, after pulling the SDA microprocessor I / O ports are
connected.
Single bus communication Special Instructions:
1. A typical application circuit recommended cable length shorter than 30 meters with a
5.1K pull-up resistor when greater than 30 meters when the pull-up resistor to reduce the actual
(32-bit)+CRC
Write Status
Register
0x10
0x0F
Send:(SLA+W)+0x10+0x0F+0x01+0x01+0xF4(Low)+0xB7(High)
Note:Function code + register start address + register number +
save content+ CRC
Return:0x10+0x0F+0x01+0xB4(Low Byte)+0x35(High Byte)
Note:Function code + number + register start address register+
CRC
Write a user
registers a
0x10
0x10
Send:(SLA+W)+0x10+0x10+0x02+0x01+0x02+0xC0+0x92
Return:0x10+0x10+0x02+0xFC+0x04
Aosong Guangzhou Electronics Co., Ltd.
Order Phone: 4006 305378
Enterprise QQ: 4006305378
www.aosong.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com