Electronic Components Datasheet Search
  English  ▼

X  

AM2321 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # AM2321
Description  Digital Temperature and Humidity Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AM2321 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button AM2321 Datasheet HTML 11Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 12Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 13Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 14Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 15Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 16Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 17Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 18Page - List of Unclassifed Manufacturers AM2321 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
- 14 -
Function Code
1
0x03
Read register
Starting address
1
0x00
Register start address is 0x00
Number of registers
1
0x04
Read the number of register
Sensor response message format returned:
Slave response
Byte count
Transmitting information
Remarks
Function Code
1
0x03
Read register
Returns the number of bytes
1
0x04
Returns 4 of 4 byte register
Register 1
1
0x01
Address for the content of 0x00 (high humidity bytes)
Register 2
1
0XF4
Address for the content of 0x01 (low humidity bytes)
Register 3
1
0x00
Address for the content of 0x01 (low humidity bytes)
Register 4
1
0XFA
Address for the content 0x03 (temperature low byte)
CRC code
2
31A5
Sensors calculate the CRC code returned, low byte first;
Numerical calculation:
From the temperature and humidity sensor value is read back, as long as the value into decimal
number 10 is divided by the corresponding values of temperature and humidity, corresponding
temperature unit ℃, humidity unit is% RH. Such as the above data read back:
Humidity: 01F4 = 1×256+15×16+4 =500 => humidity = 500÷10=50.0%RH;
Temperature: 00FA= 15×16+10 = 250 => temperature = 250÷10 = 25.0℃ Note:
CRC
verification code calculated by the CRC code drawn, then the sensor on the transmission of CRC
codes ratio; same, then that data is received correctly, otherwise that data has errors.
2. Function code "10": Write multiple registers to sensor
Host code can use this feature to save multiple data storage sensor. Single AM2321 sensor
register is a byte, or 8 bits. Sensor allows you to save a maximum of 10 data registers. Thus, the
single most host to the sensor to save up to 10 registers. Over 10, the sensor will return the
corresponding error code.
The host sends the write frame format:
START + (I C address + W) + function code (0x10) + start address register number + save data
+ CRC + STOP
The host reads the confirmation instruction:
START + (I C address + R) + read sensor data returned + STOP
Sensor response frame format:
Function code (0x10) + start address + number + CRC register
For example: The host should be saved to address 10,11 ,01,02 sensors to register.
2
2
The host sends
Byte count
Transmitting information
Remarks
Sensor address
1
0XB8
Sensor C address (0xB8) + W (0)
Function Code
1
0x10
Write Multiple Registers
Aosong Guangzhou Electronics Co., Ltd.
Order Phone: 4006 305378
Enterprise QQ: 4006305378
www.aosong.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com