Electronic Components Datasheet Search
  English  ▼

X  

SD4054 Datasheet(PDF) 3 Page - SHOUDING Shouding Semiconductor

Part # SD4054
Description  600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOUDING [SHOUDING Shouding Semiconductor]
Direct Link  http://shouding.net/
Logo SHOUDING - SHOUDING Shouding Semiconductor

SD4054 Datasheet(HTML) 3 Page - SHOUDING Shouding Semiconductor

  SD4054 Datasheet HTML 1Page - SHOUDING Shouding Semiconductor SD4054 Datasheet HTML 2Page - SHOUDING Shouding Semiconductor SD4054 Datasheet HTML 3Page - SHOUDING Shouding Semiconductor SD4054 Datasheet HTML 4Page - SHOUDING Shouding Semiconductor SD4054 Datasheet HTML 5Page - SHOUDING Shouding Semiconductor SD4054 Datasheet HTML 6Page - SHOUDING Shouding Semiconductor SD4054 Datasheet HTML 7Page - SHOUDING Shouding Semiconductor SD4054 Datasheet HTML 8Page - SHOUDING Shouding Semiconductor SD4054 Datasheet HTML 9Page - SHOUDING Shouding Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
SD4054
SD4054 enters shutdown mode, droppi
SD4054 detects an undervolta
3-3
Functional Pin Description
PIN
DESCRIPTION
CHRG
1
Open-Drain Status Output
GND
2
Ground
BAT
3
Charge Current Output
VCC
4
Positive Input Supply Voltage
PROG
5
Charge Current Program, Charge Current Monitor and
Shutdown Pin.
Pin Functions
CHRG (PIN 1):
Open-Drain Charge Status Output. When the battery is charging, the CHRG pin is pulled low by an internal
N-channel MOSFET. When the charge cycle is completed, a weak pull-down of approximately 12µA is connected to
the CHRG pin, indicating a “AC present” condition. When the
ge lockout condition,
CHRG is forced high impedance.
GND (PIN 2): Ground.
BAT (PIN 3):
Charge Current Output. Provides charge current to the battery and regulates the final float voltage to 4.2V. An
internal precision resistor divider from this pin sets the float voltage which is disconnected in shutdown mode.
VCC (PIN 4): Positive Input Supply Voltage. Provides power to the charger. VCC can range from 4.35V to 6.5V and
should be bypassed with at least a 1µF capacitor. When VCC drops to within 30mV of the BAT pin voltage, the
ng IBAT to less than 2µA.
PROG (PIN 5): Charge Current Program, Charge Current Monitor and Shutdown Pin. The charge current is
programmed by connecting a 1% resistor, RPROG, to ground. When charging in constant-current mode, this pin servos
to 1V. In all modes, the voltage on this pin can be used to measure the charge current using the following formula:
The PROG pin can also be used to shutdown the charger. Disconnecting the program resistor from ground allows a
3µA current to pull the PROG pin high. When it reaches the 1.94V shutdown threshold voltage, the charger enters
shutdown mode, charging stops and the input supply current drops to 25µA. This pin is also clamped to
approximately 2.4V. Driving this pin to voltages beyond the clamp voltage will draw currents as high as1.5mA.
Reconnecting RPROG to ground will return the charger to normal operation.
(TSOT23-5)
SD4054
SH OU D IN G
SD 4054
SD4054-datasheet V1.0
Sep.-2006
www.shouding.net



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com