Electronic Components Datasheet Search
  English  ▼

X  

SD4054 Datasheet(PDF) 12 Page - SHOUDING Shouding Semiconductor

Part # SD4054
Description  600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOUDING [SHOUDING Shouding Semiconductor]
Direct Link  http://shouding.net/
Logo SHOUDING - SHOUDING Shouding Semiconductor

SD4054 Datasheet(HTML) 12 Page - SHOUDING Shouding Semiconductor

Back Button SD4054 Datasheet HTML 6Page - SHOUDING Shouding Semiconductor SD4054 Datasheet HTML 7Page - SHOUDING Shouding Semiconductor SD4054 Datasheet HTML 8Page - SHOUDING Shouding Semiconductor SD4054 Datasheet HTML 9Page - SHOUDING Shouding Semiconductor SD4054 Datasheet HTML 10Page - SHOUDING Shouding Semiconductor SD4054 Datasheet HTML 11Page - SHOUDING Shouding Semiconductor SD4054 Datasheet HTML 12Page - SHOUDING Shouding Semiconductor SD4054 Datasheet HTML 13Page - SHOUDING Shouding Semiconductor SD4054 Datasheet HTML 14Page - SHOUDING Shouding Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
put the SD4054 into
Example: An SD4054 operati
12-12
possible and expand out to larger copper areas to
spread and dissipate the heat to the surrounding
ambient. Feedthrough vias to inner or backside copper
layers are also useful in improving the overall thermal
performance of the charger .Other heat sources on the
board, not related to the charger , must also be
considered when designing a PC board layout because
they will affect overall temperature rise and the
maximum charge current.
Increasing Thermal Regulation Current
Reducing the voltage drop across the internal MOSFET
can significantly decrease the power dissipation in the
IC. This has the effect of increasing the current
delivered to
the battery during thermal regulation.
One method is by dissipating some of the power
through an external component, such as a
resistor or diode.
ng from a 5V wall adapter
is programmed to supply 800mA full-scale current to a
discharged Li-Ion battery with a voltage of 3.75V.
Assuming θJA is 125℃/W, the approximate charge
current at an ambient temperature of 25℃ is:
By dropping voltage across a resistor in series with a 5V
wall adapter (shown in Figure 9), the on-chip power
dissipation can be decreased, thus increasing the
thermally regulated charge current.:
Solving for IBAT using the quadratic formaula
2
Using RCC = 0.25Ω, VS = 5V, VBAT = 3.75V, TA = 25℃
and θJA = 125℃/W we can calculate the thermally
regulated charge current to be:
While this application delivers more energy to the
battery and reduces charge time in thermal mode, it
may actually lengthen charge time in voltage mode if
VCC becomes low enough to
dropout.
This technique works best when RCC values are
minimized to keep component size small and avoid
dropout. Remember to choose a resistor with adequate
power handling capability.
VCC Bypass Capacitor
Many types of capacitors can be used for input
bypassing, however, caution must be exercised when
using multilayer ceramic capacitors. Because of the
self-resonant and high Q characteristics of some types
of ceramic capacitors, high voltage transients can be
generated under some start-up conditions, such as
connecting the charger input to a live power
source .Adding a 1.5Ω resistor in series with an X5R
ceramic capacitor will minimize start-up voltage
SH OU D IN G
SD 4054
SD4054-datasheet V1.0
Sep.-2006
www.shouding.net



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com