Electronic Components Datasheet Search
  English  ▼

X  

SD4054 Datasheet(PDF) 9 Page - SHOUDING Shouding Semiconductor

Part # SD4054
Description  600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOUDING [SHOUDING Shouding Semiconductor]
Direct Link  http://shouding.net/
Logo SHOUDING - SHOUDING Shouding Semiconductor

SD4054 Datasheet(HTML) 9 Page - SHOUDING Shouding Semiconductor

Back Button SD4054 Datasheet HTML 5Page - SHOUDING Shouding Semiconductor SD4054 Datasheet HTML 6Page - SHOUDING Shouding Semiconductor SD4054 Datasheet HTML 7Page - SHOUDING Shouding Semiconductor SD4054 Datasheet HTML 8Page - SHOUDING Shouding Semiconductor SD4054 Datasheet HTML 9Page - SHOUDING Shouding Semiconductor SD4054 Datasheet HTML 10Page - SHOUDING Shouding Semiconductor SD4054 Datasheet HTML 11Page - SHOUDING Shouding Semiconductor SD4054 Datasheet HTML 12Page - SHOUDING Shouding Semiconductor SD4054 Datasheet HTML 13Page - SHOUDING Shouding Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
SD4054 is ready to charge.
that the SD4054 is in undervolt
that the SD4054 is in a char
The SD4054 constantly monito
SD4054 terminates the char
SD4054 enters standby mode,
(4.2V), the SD4054 enters c
the SD4054 is capable of oper
In this mode, the SD4054
ote: The SD4054X does not
The SD4054 includes an internal
The SD4054 is a single cell lithium-ion battery charger
9-9
Operation
using a constant-current/constant-voltage algorithm. It
can deliver up to 800mA of charge current (using a
good thermal PCB layout) with a final float voltage
accuracy of ± 1%
.
P-channel power MOSFET and thermal regulation
circuitry. No blocking diode or external current sense
resistor is required; thus, the basic charger circuit
requires only two external components. Furthermore,
ating from a USB power
source.
Normal Charge Cycle
A charge cycle begins when the voltage at the VCC pin
rises above the UVLO threshold level and a 1%
program resistor is connected from the PROG pin to
ground or when a battery is connected to the charger
output. If the BAT pin is less than 2.9V, the charger
enters trickle charge mode.
supplies approximately 1/10 the programmed charge
current to bring the battery voltage up to a safe level for
full current charging. (N
include this trickle charge feature).
When the BAT pin voltage rises above 2.9V, the
charger enters constant-current mode, where the
programmed charge current is supplied to the battery.
When the BAT pin approaches the final float voltage
onstant-voltage mode and
the charge current begins to decrease. When the
charge current drops to 1/10 of the programmed value,
the charge cycle ends.
Programming Charge Current
The charge current is programmed using a single
resistor from the PROG pin to ground. The battery
charge current is 1000 times the current out of the
PROG pin. The program resistor and the charge current
are
calculated
using
the
following
equations:
The charge current out of the BAT pin can be
determined at any time by monitoring the PROG pin
voltage using the following equation:
Charge Termination
A charge cycle is terminated when the charge
current falls to 1/10th the programmed value after the
final float voltage is reached. This condition is detected
by using an internal, filtered comparator to monitor the
PROG pin. When the PROG pin voltage falls below
100mV for longer than tTERM (typically 1ms), charging
is terminated. The charge current is latched off and the
where the input supply
current drops to 200µA.
When charging, transient loads on the BAT pin can
cause the PROG pin to fall below 100mV for short
periods of time before the DC charge current has
dropped to 1/10th the programmed value. The 1ms filter
time (TTERM) on the termination comparator ensures that
transient loads of this nature do not result in premature
charge cycle termination. Once the average charge
current drops below 1/10th the programmed value, the
ge cycle and ceases to
provide any current through the BAT pin. In this state,
all loads on the BAT pin must be supplied by the
battery.
rs the BAT pin voltage in
standby mode. If this voltage drops below the 4.05V
recharge threshold (VRECHRG), another charge cycle
begins and current is once again supplied to the battery.
To manually restart a charge cycle when in standby
mode, the input voltage must be removed and reapplied,
or the charger must be shut down and restarted using
the PROG pin. Figure 7 shows the state diagram of a
typical charge cycle.
Charge Status Indicator(CHRG)
The charge status output has three different states:
strong pull-down(~10mA), weak pull-down (~12µA) and
high impedance. The strong pull-down state indicates
ge cycle. Once the charge
cycle has terminated , the pin state is determined by
undervoltage lockout conditions. A weak pull-down
indicates that VCC meets the UVLO conditions and the
High impedance indicates
age lockout mode: either
VCC is less than 100mV above the BAT pin voltage or
insufficient voltage is applied to the VCC pin. A
microprocessor can be used to distinguish between
SH OU D IN G
SD 4054
SD4054-datasheet V1.0
Sep.-2006
www.shouding.net



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com