Electronic Components Datasheet Search
  English  ▼

X  

SD4054 Datasheet(PDF) 11 Page - SHOUDING Shouding Semiconductor

Part # SD4054
Description  600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOUDING [SHOUDING Shouding Semiconductor]
Direct Link  http://shouding.net/
Logo SHOUDING - SHOUDING Shouding Semiconductor

SD4054 Datasheet(HTML) 11 Page - SHOUDING Shouding Semiconductor

Back Button SD4054 Datasheet HTML 6Page - SHOUDING Shouding Semiconductor SD4054 Datasheet HTML 7Page - SHOUDING Shouding Semiconductor SD4054 Datasheet HTML 8Page - SHOUDING Shouding Semiconductor SD4054 Datasheet HTML 9Page - SHOUDING Shouding Semiconductor SD4054 Datasheet HTML 10Page - SHOUDING Shouding Semiconductor SD4054 Datasheet HTML 11Page - SHOUDING Shouding Semiconductor SD4054 Datasheet HTML 12Page - SHOUDING Shouding Semiconductor SD4054 Datasheet HTML 13Page - SHOUDING Shouding Semiconductor SD4054 Datasheet HTML 14Page - SHOUDING Shouding Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
e SD4054 to reduce charge
The SD4054 can be used above 45
SD4054 will begin to reduce the charge current is
ample: An SD4054 operating from a 5V USB supply
11-11
additional capacitance on this node reduces the
maximum allowed program resistor. The pole frequency
at the PROG pin should be kept above 100kHz.
Therefore, if the PROG pin is loaded with a capacitance,
PROG, the following equation can be used to calculate
the maximum resistance value for RPROG:
Average, rather than instantaneous, charge current may
be of interest to the user. For example, if a switching
power supply operating in low current mode is
connected in parallel with the battery, the average
current being pulled out of the BAT pin is typically of
more interest than the instantaneous current pulses. In
such a case, a simple RC filter can be used on the
PROG pin to measure the average battery current as
shown in Figure 8. A 10k resistor has been added
between the PROG pin and the filter capacitor to ensure
stability.
Power Dissipation
The conditions that cause th
current through thermal feedback can be approximated by
considering the power dissipated in the IC. Nearly all of this
power
dissipation
is
generated
by
the
internal
MOSFET—this is calculated to be approximately:
PD=(VCC-VBAT) • IBAT
where PD is the power dissipated, VCC is the input
supply voltage, VBAT is the battery voltage and IBAT is the
charge current. The approximate ambient temperature
at which the thermal feedback begins to protect the IC
is:
TA=120℃-PDθJA
TA=120℃-(VCC-VBAT) • IBAT • θ
is programmed to supply 400mA full-scale current to a
discharged Li-Ion battery with a voltage of 3.75V.
Assuming θ JA is 150 ℃ /W (see Board Layout
Considerations ), the ambient temperature at which the
approximately:
TA=120℃-(5V-3.75V) • (400mA) • 150℃/W
TA=120℃-0.5W • 150℃/W=120℃-75℃
TA=45℃
℃ ambient, but the
charge current will be reduced from 400mA. The
approximate current at a given ambient temperature can be
approximated by:
Using the
previous example
with an
ambient
temperature of 60℃, the charge current will be reduced
to
approximately:
Moreover, when thermal feedback reduces the charge
current, the voltage at the PROG pin is also reduced
proportionally as discussed in the Operation section. It
is important to remember
not need to be designed for worst-case thermal
conditions since the IC will automatically reduce power
dissipation when the junction temperature reaches
approximately 120℃.
Thermal Considerations
Because of the small size of the ThinSOT
package, it is very important to use a good thermal PC
board layout to maximize the available charge current.
The thermal path for the heat generated by the IC is
from the die to the copper lead frame, through the
package leads, (especially the ground lead) to the PC
board copper. The PC board copper is the heat sink.
The footprint copper pads should be as wide as
Figure 8. Isolating Capacitive Load on PROG Pin and Filtering
SH OU D IN G
SD 4054
SD4054-datasheet V1.0
Sep.-2006
www.shouding.net



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com