Electronic Components Datasheet Search
  English  ▼

X  

SD4054 Datasheet(PDF) 1 Page - SHOUDING Shouding Semiconductor

Part # SD4054
Description  600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOUDING [SHOUDING Shouding Semiconductor]
Direct Link  http://shouding.net/
Logo SHOUDING - SHOUDING Shouding Semiconductor

SD4054 Datasheet(HTML) 1 Page - SHOUDING Shouding Semiconductor

  SD4054 Datasheet HTML 1Page - SHOUDING Shouding Semiconductor SD4054 Datasheet HTML 2Page - SHOUDING Shouding Semiconductor SD4054 Datasheet HTML 3Page - SHOUDING Shouding Semiconductor SD4054 Datasheet HTML 4Page - SHOUDING Shouding Semiconductor SD4054 Datasheet HTML 5Page - SHOUDING Shouding Semiconductor SD4054 Datasheet HTML 6Page - SHOUDING Shouding Semiconductor SD4054 Datasheet HTML 7Page - SHOUDING Shouding Semiconductor SD4054 Datasheet HTML 8Page - SHOUDING Shouding Semiconductor SD4054 Datasheet HTML 9Page - SHOUDING Shouding Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
count make the SD4054 ideally suited for portable
SH OU D IN G
SD 4054
SD4054
SD4054-datasheet V1.0
Sep.-2006
the SD4054 automatically ent
SD4054 can be put into shut
SD4054 automatically terminates the charge cycle when
he SD4054 is s
The SD4054 is a complete
1-1
600mA Standalone Linear
Li-Ion Battery Charger with
Thermal Regulation in ThinSOT
General Description
constant-current/constant-
voltage linear charger for single cell lithium-ion batteries.
Its ThinSOT package and low external component
applications. Furthermore, t
pecifically
designed to work within USB power specifications.
No external sense resistor is needed, and no blocking
diode is required due to the internal MOSFET
architecture. Thermal feedback regulates the charge
current to limit the die temperature during high power
operation or high ambient temperature. The charge
voltage is fixed at 4.2V, and the charge current can be
programmed externally with a single resistor. The
the charge current drops to 1/10th the programmed
value after the final float voltage is reached. When the
input supply (wall adapter or USB supply) is removed,
ers a low current state,
dropping the battery drain current to less than 2µA. The
down mode, reducing he
supply current to 25µA.Other features include charge
current monitor, undervoltage lockout, automatic
recharge and a status pin to indicate charge termination
and the presence of an input voltage.
Ordering Information
□ □
□
Package
B5:SOT23-5
Features
Programmable Charge Current Up to 800mA
No MOSFET, Sense Resistor or Blocking Diode
Required
Complete Linear Charger in ThinSOT
Package for
Single Cell Lithium-ion Batteries
Constant-Current/Constant-Voltage Operation
with Thermal Regulation to Maximize Charge
Rate Without Risk of Overheating
Charges Single Cell Li-Ion Batteries Directly
from USB Port
Preset 4.2V Charge Voltage with ± 1% Accuracy
Charge Current Monitor Output for Gas
Gauging
Automatic Recharge
Soft-Start Limits Inrush Current
Available in 5-Lead SOT-23 Package
2.9V Trickle Charge Threshold
C/10 Charge Termination
25mA Supply Current in Shutdown
2.9V Trickle Charge Threshold
Applications
Portable Media Players/MP3 players
Cellular and Smart mobile phone
Charging Docks and Cradles
Bluetooth Applications
Marking Information
Please see website.
F:PB-Free
www.shouding.net


Similar Part No. - SD4054

ManufacturerPart #DatasheetDescription
logo
SHOUDING Shouding Semic...
SD4055 SHOUDING-SD4055 Datasheet
1Mb / 5P
600 MA linear lithium battery charger
SD4056 SHOUDING-SD4056 Datasheet
383Kb / 16P
High capacity of up to 1000 mA programmable charge current
logo
SHIELD s.r.l.
SD405N700100 SHIELD-SD405N700100 Datasheet
512Kb / 4P
SD40 distribution box, L-left profile M12-A sockets, built-in control cable
SD405N700130 SHIELD-SD405N700130 Datasheet
512Kb / 4P
SD40 distribution box, L-left profile M12-A sockets, built-in control cable
SD405N700200 SHIELD-SD405N700200 Datasheet
512Kb / 4P
SD40 distribution box, L-left profile M12-A sockets, built-in control cable
More results

Similar Description - SD4054

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP8054 EUTECH-EUP8054 Datasheet
431Kb / 17P
Standalone Linear Li-Ion Battery Charger With Thermal Regulation in ThinSOT
logo
Linear Technology
LTC4054X LINER-LTC4054X Datasheet
188Kb / 16P
Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LTC4057 LINER-LTC4057 Datasheet
149Kb / 12P
Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
logo
Lowpower Semiconductor ...
LP4060A POWER-LP4060A Datasheet
794Kb / 13P
800mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LP4062 POWER-LP4062 Datasheet
596Kb / 13P
600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
logo
Linear Technology
LTC4057-4.2 LINER-LTC4057-4.2_15 Datasheet
154Kb / 12P
Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LTC4054-4.2 LINER-LTC4054-4.2_15 Datasheet
197Kb / 16P
Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LTC4054X-4.2 LINER-LTC4054X-4.2_15 Datasheet
197Kb / 16P
Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
logo
SHOUDING Shouding Semic...
SD8055 SHOUDING-SD8055 Datasheet
611Kb / 14P
600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
logo
List of Unclassifed Man...
LP4054 ETC-LP4054 Datasheet
561Kb / 14P
600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
V1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com