Electronic Components Datasheet Search
  English  ▼

X  

CS4344 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS4344
Description  10-PIN, 24-BIT, 192KHz STEREO D/A CONVERTER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4344 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS4344 Datasheet HTML 2Page - Cirrus Logic CS4344 Datasheet HTML 3Page - Cirrus Logic CS4344 Datasheet HTML 4Page - Cirrus Logic CS4344 Datasheet HTML 5Page - Cirrus Logic CS4344 Datasheet HTML 6Page - Cirrus Logic CS4344 Datasheet HTML 7Page - Cirrus Logic CS4344 Datasheet HTML 8Page - Cirrus Logic CS4344 Datasheet HTML 9Page - Cirrus Logic CS4344 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
CS4344/5/6/8
6
DS613PP2
DAC ANALOG CHARACTERISTICS (Full-Scale Output Sine Wave, 997 Hz (Note 1),
Fs = 48/96/192 kHz; Test load RL = 3 kΩ, CL = 10 pF (see Figure 1). Measurement Bandwidth 10 Hz to 20 kHz,
unless otherwise specified.)
Note:
1. One-half LSB of triangular PDF dither added to data.
DAC ANALOG CHARACTERISTICS - ALL MODES
Parameter
5V Nom
3.3V Nom
Min
Typ
Max
Min
Typ
Max
Unit
Dynamic Performance for CS4344/5/6/8-CZZ (-10 to 70°C)
Dynamic Range
18 to 24-Bit
A-weighted
unweighted
16-Bit
A-weighted
unweighted
99
96
90
87
105
102
96
93
-
-
-
-
97
94
90
87
103
100
96
93
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise
18 to 24-Bit
0 dB
-20 dB
-60 dB
16-Bit
0 dB
-20 dB
-60 dB
-
-
-
-
-
-
-95
-82
-42
-93
-73
-33
-89
-76
-36
-87
-67
-27
-
-
-
-
-
-
-95
-80
-40
-93
-73
-33
-89
-74
-34
-87
-67
-27
dB
dB
dB
dB
dB
dB
Dynamic Performance for CS4344-DZZ (-40 to 85°C)
Dynamic Range
18 to 24-Bit
A-weighted
unweighted
16-Bit
A-weighted
unweighted
95
92
86
83
105
102
96
93
-
-
-
-
93
90
86
83
103
100
96
93
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise
18 to 24-Bit
0 dB
-20 dB
-60 dB
16-Bit
0 dB
-20 dB
-60 dB
-
-
-
-
-
-
-95
-82
-42
-93
-73
-33
-85
-72
-32
-83
-63
-23
-
-
-
-
-
-
-95
-80
-40
-93
-73
-33
-85
-70
-30
-83
-63
-23
dB
dB
dB
dB
dB
dB
Parameter
Symbol
Min
Typ
Max
Unit
Interchannel Isolation
(1 kHz)
-
100
-
dB
DC Accuracy
Interchannel Gain Mismatch
-
0.1
0.25
dB
Gain Drift
-
100
-
ppm/°C
Analog Output
Full Scale Output Voltage
0.60•VA
0.65•VA
0.70•VA
Vpp
Quiescent Voltage
VQ
-
0.5•VA
-
VDC
Max DC Current draw from an AOUT pin
IOUTmax
-10
-
µA
Max Current draw from VQ
IQmax
-
100
-
µA
Max AC-Load Resistance (see Figure 2 on page 8)
RL
-3
-
k
Ω
Max Load Capacitance (see Figure 2)
CL
-
100
-
pF
Output Impedance
ZOUT
-
100
-
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com