Electronic Components Datasheet Search
  English  ▼

X  

CS4344 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS4344
Description  10-PIN, 24-BIT, 192KHz STEREO D/A CONVERTER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4344 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS4344 Datasheet HTML 3Page - Cirrus Logic CS4344 Datasheet HTML 4Page - Cirrus Logic CS4344 Datasheet HTML 5Page - Cirrus Logic CS4344 Datasheet HTML 6Page - Cirrus Logic CS4344 Datasheet HTML 7Page - Cirrus Logic CS4344 Datasheet HTML 8Page - Cirrus Logic CS4344 Datasheet HTML 9Page - Cirrus Logic CS4344 Datasheet HTML 10Page - Cirrus Logic CS4344 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
CS4344/5/6/8
DS613PP2
7
COMBINED INTERPOLATION & ON-CHIP ANALOG FILTER RESPONSE (The
filter characteristics have been normalized to the sample rate (Fs) and can be referenced to the desired sample
rate by multiplying the given characteristic by Fs.) (See note 6)
Notes: 2. Response is clock dependent and will scale with Fs.
3. For Single Speed Mode, the Measurement Bandwidth is 0.5465 Fs to 3 Fs.
For Double Speed Mode, the Measurement Bandwidth is 0.577 Fs to 1.4 Fs.
For Quad Speed Mode, the Measurement Bandwidth is 0.7 Fs to 1 Fs.
4. Refer to Figure 2.
5. De-emphasis is available only in Single Speed Mode.
6. Amplitude vs. Frequency plots of this data are available in “Appendix” on page 21.
Parameter
Symbol
Min
Typ
Max
Unit
Combined Digital and On-chip Analog Filter Response
Single Speed Mode
Passband (Note 2)
to -0.05 dB corner
to -3 dB corner
0
0
-
-
.4780
.4996
Fs
Fs
Frequency Response 10 Hz to 20 kHz
-.01
-
+.08
dB
StopBand
.5465
-
-
Fs
StopBand Attenuation
(Note 3)
50
-
-
dB
Group Delay
tgd
-
10/Fs
-
s
De-emphasis Error (Note 5)
Fs = 32 kHz
Fs = 44.1 kHz
Fs = 48 kHz
-
-
-
-
-
-
+1.5/+0
+.05/-.25
-.2/-.4
dB
dB
dB
Combined Digital and On-chip Analog Filter Response
Double Speed Mode
Passband (Note 2)
to -0.1 dB corner
to -3 dB corner
0
0
-
-
.4650
.4982
Fs
Fs
Frequency Response 10 Hz to 20 kHz
-.05
-
+.2
dB
StopBand
.5770
-
-
Fs
StopBand Attenuation
(Note 3)
55
-
-
dB
Group Delay
tgd
-
5/Fs
-
s
Combined Digital and On-chip Analog Filter Response
Quad Speed Mode
Passband (Note 2)
to -0.1 dB corner
to -3 dB corner
0
0
-
-
0.397
0.476
Fs
Fs
Frequency Response 10 Hz to 20 kHz
0
-
+0.00004
dB
StopBand
0.7
-
-
Fs
StopBand Attenuation
(Note 3)
51
-
-
dB
Group Delay
tgd
-
2.5/Fs
-
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com