Electronic Components Datasheet Search
  English  ▼

X  

CS4344 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS4344
Description  10-PIN, 24-BIT, 192KHz STEREO D/A CONVERTER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4344 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS4344 Datasheet HTML 10Page - Cirrus Logic CS4344 Datasheet HTML 11Page - Cirrus Logic CS4344 Datasheet HTML 12Page - Cirrus Logic CS4344 Datasheet HTML 13Page - Cirrus Logic CS4344 Datasheet HTML 14Page - Cirrus Logic CS4344 Datasheet HTML 15Page - Cirrus Logic CS4344 Datasheet HTML 16Page - Cirrus Logic CS4344 Datasheet HTML 17Page - Cirrus Logic CS4344 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
CS4344/5/6/8
14
DS613PP2
4.3 De-Emphasis
The CS4344 family includes on-chip digital de-emphasis. Figure 11 shows the de-emphasis curve for Fs
equal to 44.1 kHz. The frequency response of the de-emphasis curve will scale proportionally with changes
in sample rate, Fs.
The de-emphasis filter is active (inactive) if the DEM/SCLK pin is low (high) for 5 consecutive falling
edges of LRCK. This function is available only in the internal serial clock mode.
LR C K
SC L K
Le ft C h a n nel
SD A T A
654321
0
7
23 22 21 20 19 18
6543
210
7
23 22 21 20 19 18
32 clocks
0
R igh t C h ann el
Internal SCLK Mode
External SCLK Mode
Right Justified, 24-Bit Data
INT SCLK = 64 Fs if
MCLK/LRCK = 1024, 512, 256, 128, or 64
INT SCLK = 48 Fs if
MCLK/LRCK = 768, 384, 192, or 96
INT SCLK = 72 Fs if
MCLK/LRCK = 1152
Right Justified, 24-Bit Data
Data Valid on Rising Edge of SCLK
SCLK Must Have at Least 48 Cycles per LRCK Period
Figure 9. CS4346 Data Format (Right Justified 24)
LR C K
SC L K
Left C h a n nel
R igh t C h ann el
SDA T A
654321
0
98
7
15 14 13 12 11 10
6543
210
98
7
15 14 13 12 11 10
32 clocks
Internal SCLK Mode
External SCLK Mode
Right Justified, 16-Bit Data
INT SCLK = 32 Fs if
MCLK/LRCK = 1024, 512, 256, 128, or 64
INT SCLK = 48 Fs if
MCLK/LRCK = 768, 384, 192, or 96
INT SCLK = 72 Fs if
MCLK/LRCK = 1152
Right Justified, 16-Bit Data
Data Valid on Rising Edge of SCLK
SCLK Must Have at Least 32 Cycles per LRCK Period
Figure 10. CS4348 Data Format (Right Justified 16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com