Electronic Components Datasheet Search
  English  ▼

X  

CS4344 Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS4344
Description  10-PIN, 24-BIT, 192KHz STEREO D/A CONVERTER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4344 Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS4344 Datasheet HTML 13Page - Cirrus Logic CS4344 Datasheet HTML 14Page - Cirrus Logic CS4344 Datasheet HTML 15Page - Cirrus Logic CS4344 Datasheet HTML 16Page - Cirrus Logic CS4344 Datasheet HTML 17Page - Cirrus Logic CS4344 Datasheet HTML 18Page - Cirrus Logic CS4344 Datasheet HTML 19Page - Cirrus Logic CS4344 Datasheet HTML 20Page - Cirrus Logic CS4344 Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
CS4344/5/6/8
DS613PP2
17
When changing clock ratio or sample rate it is recommended that zero data (or near zero data) be present
on SDIN for at least 10 LRCK samples before the change is made. During the clocking change the DAC
outputs will always be in a zero data state. If no zero audio is present at the time of switching, a slight click
or pop may be heard as the DAC output automatically goes to it’s zero data state.
4.6 Grounding and Power Supply Decoupling
As with any high resolution converter, the CS4344 family requires careful attention to power supply and
grounding arrangements to optimize performance. Figure 6 shows the recommended power arrangement
with VA connected to a clean +3.3 V or +5 V supply. For best performance, decoupling and filter capaci-
tors should be located as close to the device package as possible with the smallest capacitors closest.
4.7 Analog Output and Filtering
The analog filter present in the CS4344 family is a switched-capacitor filter followed by a continuous time
low pass filter. Its response, combined with that of the digital interpolator, is given in Figures 13 - 20. The
recommended external analog circuitry is shown in the “Typical Connection Diagram” on page 11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com