Electronic Components Datasheet Search
  English  ▼

X  

CS4344 Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS4344
Description  10-PIN, 24-BIT, 192KHz STEREO D/A CONVERTER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4344 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS4344 Datasheet HTML 8Page - Cirrus Logic CS4344 Datasheet HTML 9Page - Cirrus Logic CS4344 Datasheet HTML 10Page - Cirrus Logic CS4344 Datasheet HTML 11Page - Cirrus Logic CS4344 Datasheet HTML 12Page - Cirrus Logic CS4344 Datasheet HTML 13Page - Cirrus Logic CS4344 Datasheet HTML 14Page - Cirrus Logic CS4344 Datasheet HTML 15Page - Cirrus Logic CS4344 Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
CS4344/5/6/8
12
DS613PP2
4.APPLICATIONS
The CS4344 family accepts data at standard audio sample rates including 48, 44.1 and 32 kHz in SSM, 96,
88.2 and 64 kHz in DSM, and 192, 176.4 and 128 kHz in QSM. Audio data is input via the serial data input
pin (SDIN). The Left/Right Clock (LRCK) determines which channel is currently being input on SDIN,
and the optional Serial Clock (SCLK) clocks audio data into the input data buffer. The CS4344/5/6/8 differ
in serial data formats as shown in Figures 7-10.
4.1 Master Clock
MCLK/LRCK must be an integer ratio as shown in Table 1. The LRCK frequency is equal to Fs, the fre-
quency at which words for each channel are input to the device. The MCLK-to-LRCK frequency ratio and
speed mode is detected automatically during the initialization sequence by counting the number of MCLK
transitions during a single LRCK period and by detecting the absolute speed of MCLK. Internal dividers
are set to generate the proper clocks. Table 1 illustrates several standard audio sample rates and the re-
quired MCLK and LRCK frequencies. Please note there is no required phase relationship, but MCLK,
LRCK and SCLK must be synchronous.
Table 1. Common Clock Frequencies
4.2 Serial Clock
The serial clock controls the shifting of data into the input data buffers. The CS4344 family supports both
external and internal serial clock generation modes. Refer to Figures 7-10 for data formats.
4.2.1 External Serial Clock Mode
The CS4344 family will enter the External Serial Clock Mode when 16 low to high transitions are de-
tected on the DEM/SCLK pin during any phase of the LRCK period. When this mode is enabled, the
Internal Serial Clock Mode and de-emphasis filter cannot be accessed. The CS4344 family will switch
to Internal Serial Clock Mode if no low to high transitions are detected on the DEM/SCLK pin for 2
consecutive frames of LRCK. Refer to Figure 12.
LRCK
(kHz)
MCLK (MHz)
64x
96x
128x
192x
256x
384x
512x
768x
1024x
1152x
32
-
---
8.1920
12.2880
-
-
32.7680 36.8640
44.1
-
---
11.2896 16.9344 22.5792 33.8680 45.1580
-
48
-
---
12.2880 18.4320 24.5760 36.8640 49.1520
-
64
-
-
8.1920
12.2880
-
-
32.7680 49.1520
-
-
88.2
-
-
11.2896 16.9344 22.5792 33.8680
-
-
-
-
96
-
-
12.2880 18.4320 24.5760 36.8640
-
-
-
-
128
8.1920
12.2880
-
-
32.7680 49.1520
-
-
-
-
176.4
11.2896 16.9344 22.5792 33.8680
-
-
-
-
-
-
192
12.2880 18.4320 24.5760 36.8640
-
-
-
-
-
-
Mode
QSM
DSM
SSM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com