Electronic Components Datasheet Search
  English  ▼

X  

HM3085 Datasheet(PDF) 7 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM3085
Description  짹15kV ESD-Protected ,Fail-Safe Slew-Rate-Limited RS-485 Transceivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM3085 Datasheet(HTML) 7 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM3085 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3085 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3085 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3085 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3085 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3085 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3085 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3085 Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3085 Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Function Tables
TRANSMITTING
INPUTS
OUTPUTS
R E
DE
DI
B
A
X1
1
0
1
X1
0
1
0
0
0
X
High-Z
High-Z
10
X
Shutdown
RECEIVING
INPUTS
OUTPUTS
R E
DE
A-B
RO
0X
≧
-0.2V
1
0X
≦
-0.2V
0
0X
Open/shorted
1
11
X
High-Z
10
X
Shutdown
X = Don’t care
Shutdown mode, driver and receiver outputs high impedance
Test Circuits
Figure1. Driver DC Test Load
Figure 2. Receiver Enable/Disable Timing Test Load
Figure3. Driver Timing Test Load
Figure 4. Driver Enable/Disable Timing Test Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com