Electronic Components Datasheet Search
  English  ▼

X  

HM3085 Datasheet(PDF) 8 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM3085
Description  짹15kV ESD-Protected ,Fail-Safe Slew-Rate-Limited RS-485 Transceivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM3085 Datasheet(HTML) 8 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM3085 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3085 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3085 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3085 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3085 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3085 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3085 Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3085 Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3085 Datasheet HTML 12Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Figure5. Receiver Propagation Delay Test Load
Detailed Description
The
HM3085 high - speed transceiver for
RS-485 communication contains one driver and
one receiver. These devices feature fail-safe
circuitry, which guarantees a logic-high
receiver output when the receiver inputs are
open or shorted, or when they are connected to
a terminated transmission line with all drivers
disabled (see the Fail-Safe section). The
HM3085 feature reduced slew-rate driver that
minimizes EMI and reduces reflections caused
by improperly terminated cables, allowing
error-free data transmission up to 500kbps (see
the Reduced EMI and Reflections section). The
HM3085 is a half-duplex transceiver. The
voltage operates from a single +5V supply.
Drivers are output short-circuit current limited.
Thermal shutdown circuitry protects drivers
against excessive power dissipation. When
activated, the thermal shutdown circuitry places
the driver outputs into a high impedance state.
Receiver Input Filtering
The receiver of the
HM3085, when operating
in 1Mbps, incorporates input filtering in
addition to input hysteresis. This filtering
enhances noise immunity with differential
signals that have very slow rise and fall times.
Receiver propagation delay increases by 25%
due to this filtering.
Fail-Safe
The
HM3085 guarantees a logic-high receiver
output when the receiver inputs are shorted or
open, or when they are connected to a
terminated transmission line with all drivers
disabled. This is done by setting the receiver
threshold between -50mV and -200mV. If the
input voltage of differential receiver (A-B) is
greater than or equal to -50mV, RO is logic
high. If A-B is less than or equal to -200mV,
RO is logic low. In the case of a terminated bus
with all transmitters disabled, the receiver
differential input voltage is pulled to 0V by the
termination. With the receiver threshold of the
HM3085, this results in a logic high with a
50mV minimum noise margin. Unlike previous
fail-safe devices, the -50mV to -200mV
threshold complies with the +/-200mV
EIA/TIA-485 standard.
ESD Protection
As with
HM3085, ESD-protection structures
are incorporated on all pins to protect against
electrostatic discharges encountered during
handling and assembly. The driver output and
receiver input of the
HM3085 has extra
protection against static electricity. The
ESD-protected pins are tested with reference to
the ground pin in a powered-down condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com