Electronic Components Datasheet Search
  English  ▼

X  

HM3085 Datasheet(PDF) 10 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM3085
Description  짹15kV ESD-Protected ,Fail-Safe Slew-Rate-Limited RS-485 Transceivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM3085 Datasheet(HTML) 10 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM3085 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3085 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3085 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3085 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3085 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3085 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3085 Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3085 Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3085 Datasheet HTML 12Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
example, the
HM3085’s rise time is typically
1320ns, which results in excellent waveforms
with a stub length up to 90 feet. A system can
work well with longer unterminated stubs, even
with severe reflections, if the waveform settles
out before the UART samples them.
Figure 7. Driver Output Waveform and FFT Plot of
HM3085
Transmitting a 20kHz Signal
Low-Power Shutdown Mode
When both the driver and receiver are disabled
(DE low and RE high) the device is in
shutdown mode. If the enable inputs are in this
state for less than 60 ns, the device does not
enter shutdown mode. This guards against
inadvertently entering shutdown mode during
driver/receiver enabling. Only when the
enable inputs are held in this state for 300 ns or
more, the device is assured to be in shutdown
mode. In this low-power shutdown mode,
most internal circuitry is powered down except
over temperature protection circuit, and the
supply current is typically 40 micron ampere.
When either the driver or the receiver is
re-enabled, the internal circuitry becomes
active. If only the driver is re-enabled (DE
changed to high) the driver outputs are driven
according to the DI input after the enable times
given by tPZH(SHDN) and tPZL (SHDN) in the
driver switching characteristics. If the DI
input is open when the driver is enabled, the
driver outputs defaults to A high and B low,
in accordance with the driver failsafe feature.
If only the receiver is re-enabled ( RE changed
to low) the receiver output is driven according
to the state of the bus inputs (A and B) after the
enable time given by tPZH(SHDN) and
tPZL(SHDN) in the receiver switching
characteristics. If there is no valid state on the
bus the receiver responds as described in the
failsafe operation section. If both the receiver
and driver are re-enabled simultaneously, the
receiver output is driven according to the state
of the bus inputs (A and B) and the driver
output is driven according to the DI input. Note
that the state of the active driver affects the
inputs to the receiver. Therefore, the receiver
outputs are valid as soon as the driver outputs
are valid.
Driver Output Protection
Two mechanisms prevent excessive output
current and power dissipation caused by faults
or by bus contention. The first, a fold back
current limit on the output stage, provides
immediate protection against short circuits over
the whole common-mode voltage range. The
second, a thermal shutdown circuit, forces the
driver outputs into a high-impedance state if the
die temperature becomes excessive.
Line Length vs Data Rate
The RS-485/RS-422 standard covers line
lengths up to 4000 feet. For line lengths greater
than 4000 feet, use the repeater application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com