Electronic Components Datasheet Search
  English  ▼

X  

HM3085 Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM3085
Description  짹15kV ESD-Protected ,Fail-Safe Slew-Rate-Limited RS-485 Transceivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM3085 Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM3085 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3085 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3085 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3085 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3085 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3085 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3085 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3085 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3085 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Pin Description
PIN
NAME
FUNCTION
1RO
Receiver Output. When RE is low and if A - B ≥ -50mV, RO will be high; if A- B ≤
-200mV, RO will be low.
2
R E
Receiver Output Enable. Drive RE low to enable RO; RO is high impedance when RE is
high. Drive RE high and DE low to enter low-power shutdown mode.
3DE
Driver Output Enable. Drive DE high to enable driver outputs. These outputs are high
impedance when DE is low. Drive RE high and DE low to enter low-power shutdown mode.
4DI
Driver Input. With DE high, a low on DI forces non-inverting output low and inverting
output high. Similarly, a high on DI forces non-inverting output high and inverting output
low.
5
GND
Ground
6
A
Non-inverting Receiver Input and Non-inverting Driver Output.
7
B
Inverting Receiver Input and Inverting Driver Output.
8
VCC
Positive Supply 4.75V ≤ VCC ≤  5.25V.
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
NUM
UNITS
Supply Voltage (VCC)
VCC
+7
V
Control Input Voltage ( RE ,DE)
R E ,DE
-0.3to VCC+0.3
V
Driver Input Voltage (DI)
DI
-0.3 toVCC+0.3
V
Driver Output Voltage (A, B)
A, B
±13
V
Receiver Input Voltage (A, B)
A, B
±13
V
Receiver Output Voltage (RO)
RO
-0.3~VCC+0.3
V
Continuous Power Dissipation
8SO
471
mW
Operating Temperature Ranges
-40~+85
℃
Storage Temperature Range
-65~+150
℃
Lead Temperature (soldering, 10s)
300
℃
DC ELECTRICAL CHARACTERISTICS
(VCC = +5V ± 5%, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +5V and TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DRIVER
Differential Driver Output
(No Load)
VOD1
Figure 1
1.5
5
V
Differential Driver Output
VOD2
Figure 1, R = 27
1.5
5
V
Change-in-Magnitude of
Differential Output Voltage
(Note 2)
VOD
Figure 1, R = 27
0.2
V
Driver Common-Mode
Output Voltage
VOC
Figure 1, R = 27
13
V
HM3085



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com