Electronic Components Datasheet Search
  English  ▼

X  

HM3085 Datasheet(PDF) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM3085
Description  짹15kV ESD-Protected ,Fail-Safe Slew-Rate-Limited RS-485 Transceivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM3085 Datasheet(HTML) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM3085 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3085 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3085 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3085 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3085 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3085 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3085 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3085 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3085 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Change-in-Magnitude of
Common-Mode Voltage
(Note 2)
VOC
Figure 1, R = 27
0.2
V
Input High Voltage
VIH1
DE, DI,
R E
2.0
V
Input Low Voltage
VIL1
DE, DI,
R E
0.8
V
DI Input Hysteresis
VHYS
100
mV
Input Current (A and B)
IIN1
DE = GND, VCC =
GND or 5.25V
VIN = 12V
125
µA
VIN = -7V
-75
Driver Short-Circuit
Output Current
(Note 3)
IOSD
-7V ≦VOUT ≦VCC
-250
mA
0V ≦VOUT ≦12V
250
0V ≦VOUT≦VCC
±25
RECEIVER
Receiver Differential Threshold
Voltage
VTH
-7V ≦VCM ≦12V
-200
-110
-50
mV
Receiver Input Hysteresis
VTH
30
mV
Receiver Output High Voltage
VOH
IO = -4mA, VID = -50mV
VCC-
1.5
V
Receiver Output Low Voltage
VOL
IO =4mA,VID = -200mV
0.4
V
Three-State Output Current at
Receiver
IOZR
0.4V ≦VO≦2.4V
±1
µA
Receiver Input Resistance
RIN
-7V≦VCM ≦12V
96
kΩ
Receiver Output Short-Circuit
Current
IOSR
0V ≦VRO ≦VCC
±7
±95
mA
SUPPLY CURRENT
Supply Current
ICC
No load, RE
=
DI= GND or VCC
DE = VCC
155
900
µA
DE = GND
160
600
µA
Supply Current in Shutdown
Mode
ISHDN
DE = GND, V RE =VCC
0.001
10
µA
ESD Protection for A, B
Human Body Model
±15
kV
SWITCHING CHARACTERISTICS
(VCC = +5V ± 5%, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +5V and TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Driver Input to Output
t DPLH
Figure 3, RDIFF =54
,
CL1 =CL2 =100pF
250
720
900
ns
t DPHL
250
720
900
Driver Output Skew | tDPLH –tDPHL |
t DSKEW
Figure 3, RDIFF =54  CL1 =CL2
=100pF
-3
±100
ns
Driver Rise or Fall Time
tDR,tDF
Figure 3, RDIFF =54  ,CL1 =CL2
=100pF
200
530
750
ns
HM3085



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com