Electronic Components Datasheet Search
  English  ▼

X  

LP5012 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LP5012
Description  9-, 12-Channel, 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5012 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LP5012 Datasheet HTML 11Page - Texas Instruments LP5012 Datasheet HTML 12Page - Texas Instruments LP5012 Datasheet HTML 13Page - Texas Instruments LP5012 Datasheet HTML 14Page - Texas Instruments LP5012 Datasheet HTML 15Page - Texas Instruments LP5012 Datasheet HTML 16Page - Texas Instruments LP5012 Datasheet HTML 17Page - Texas Instruments LP5012 Datasheet HTML 18Page - Texas Instruments LP5012 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
INITIALIZATION
STANDBY
EN = H
From all states
RESET = FF or UVLO = H
SHUTDOWN
EN = L
From all states
VCC Power Up
Chip_EN = 1
Chip_EN = 0
NORMAL
POWER SAVE
I2C Command
Power_Save_EN =1 and
All LEDs off > 30ms
THERMAL
SHUTDOWN
TSD=H
TSD=L
15
LP5009, LP5012
www.ti.com
SLVSEH2 – MAY 2019
Product Folder Links: LP5009 LP5012
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
8.4 Device Functional Modes
Figure 8. Functional Modes
•
INITIALIZATION: The device enters into INITIALIZATION mode when EN = H. In this mode, all the registers
are reset. Entry can also be from any state, if the RESET (register) = FFh or UVLO is active.
•
NORMAL: The device enters the NORMAL mode when Chip_EN (register) = 1. ICC is 10 mA (typical).
•
POWER SAVE: The device automatically enters the POWER SAVE mode when Power_Save_EN (register) =
1 and all the LEDs are off for a duration of > 30 ms. In POWER SAVE mode, analog blocks are disabled to
minimize power consumption, but the registers retain the data and keep it available via I2C. ICC is 10 µA
(typical). In case of any I2C command to this device, it returns to the NORMAL mode.
•
SHUTDOWN: The device enters into SHUTDOWN mode from all states on VCC power up or when EN = L.
ICC is < 1 µA (maximum).
•
STANDBY: The device enters the STANDBY mode when Chip_EN (register) = 0. In this mode, all the OUTx
pins are shut down, but the registers retain the data and keep it available via I2C. STANDBY is the low-
power-consumption mode, when all circuit functions are disabled. ICC is 10 µA (typical).
•
THERMAL SHUTDOWN: The device automatically enters the THERMAL SHUTDOWN mode when the
junction temperature exceeds 160°C (typical). In this mode, all the OUTx outputs are shut down. If the
junction temperature decreases below 145°C (typical), the device returns to the NORMAL mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com