Electronic Components Datasheet Search
  English  ▼

X  

LP5012 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # LP5012
Description  9-, 12-Channel, 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5012 Datasheet(HTML) 23 Page - Texas Instruments

Back Button LP5012 Datasheet HTML 19Page - Texas Instruments LP5012 Datasheet HTML 20Page - Texas Instruments LP5012 Datasheet HTML 21Page - Texas Instruments LP5012 Datasheet HTML 22Page - Texas Instruments LP5012 Datasheet HTML 23Page - Texas Instruments LP5012 Datasheet HTML 24Page - Texas Instruments LP5012 Datasheet HTML 25Page - Texas Instruments LP5012 Datasheet HTML 26Page - Texas Instruments LP5012 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
23
LP5009, LP5012
www.ti.com
SLVSEH2 – MAY 2019
Product Folder Links: LP5009 LP5012
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
8.6.3 LED_CONFIG0 (Address = 2h) [reset = 00h]
LED_CONFIG0 is shown in Figure 16 and described in Table 8.
Return to Table 4.
Figure 16. LED_CONFIG0 Register
7
6
5
4
3
2
1
0
RESERVED
LED3_Bank_E
N
LED2_Bank_E
N
LED1_Bank_E
N
LED0_Bank_E
N
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
Table 8. LED_CONFIG0 Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
RESERVED
R/W
0h
Reserved
3
LED3_Bank_EN
R/W
0h
1 = LED3 bank control mode enabled
0 = LED3 Independent control mode enabled
2
LED2_Bank_EN
R/W
0h
1 = LED2 bank control mode enabled
0 = LED2 independent control mode enabled
1
LED1_Bank_EN
R/W
0h
1 = LED1 bank control mode enabled
0 = LED1 independent control mode enabled
0
LED0_Bank_EN
R/W
0h
1 = LED0 bank control mode enabled
0 = LED0 independent control mode enabled
8.6.4 BANK_BRIGHTNESS (Address = 3h) [reset = FFh]
BANK_BRIGHTNESS is shown in Figure 17 and described in Table 9.
Return to Table 4.
Figure 17. BANK_BRIGHTNESS Register
7
6
5
4
3
2
1
0
Bank_Brightness
R/W-FFh
Table 9. BANK_BRIGHTNESS Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
Bank_Brightness
R/W
FFh
FFh = 100% of full brightness
...
80h = 50% of full brightness
...
00h = 0% of full brightness
8.6.5 BANK_A_COLOR (Address = 4h) [reset = 00h]
BANK_A_COLOR is shown in Figure 18 and described in Table 10.
Return to Table 4.
Figure 18. BANK_A_COLOR Register
7
6
5
4
3
2
1
0
Bank_A_Color
R/W-0h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com