Electronic Components Datasheet Search
  English  ▼

X  

LP5012 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LP5012
Description  9-, 12-Channel, 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5012 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LP5012 Datasheet HTML 14Page - Texas Instruments LP5012 Datasheet HTML 15Page - Texas Instruments LP5012 Datasheet HTML 16Page - Texas Instruments LP5012 Datasheet HTML 17Page - Texas Instruments LP5012 Datasheet HTML 18Page - Texas Instruments LP5012 Datasheet HTML 19Page - Texas Instruments LP5012 Datasheet HTML 20Page - Texas Instruments LP5012 Datasheet HTML 21Page - Texas Instruments LP5012 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
star t
MSB Chip Addr LSB
MSB Register Ad dr L SB
w
ack
MSB Data L SB
ack from slave
ack from slave
ack from slave
ack
ack
stop
18
LP5009, LP5012
SLVSEH2 – MAY 2019
www.ti.com
Product Folder Links: LP5009 LP5012
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Programming (continued)
Table 2. Slave-Address Combinations
ADDR1
ADDR0
SLAVE ADDRESS
INDEPENDENT
BROADCAST
GND
GND
0010100
0001100
GND
VCC
0010101
VCC
GND
0010110
VCC
VCC
0010111
Table 3. Chip Address
SLAVE ADDRESS
R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Independent
0
0
1
0
1
ADDR1
ADDR0
1 or 0
Broadcast
0
0
0
1
1
0
0
1 or 0
8.5.1.5 Control-Register Write Cycle
•
The master device generates a start condition.
•
The master device sends the slave address (7 bits) and the data direction bit (R/W = 0).
•
The slave device sends an acknowledge signal if the slave address is correct.
•
The master device sends the control register address (8 bits).
•
The slave device sends an acknowledge signal.
•
The master device sends the data byte to be written to the addressed register.
•
The slave device sends an acknowledge signal.
•
If the master device sends further data bytes, the control register address of the slave is incremented by 1
after the acknowledge signal. To reduce program load time, the device supports address auto incrementation.
The register address is incremented after each 8 data bits.
•
The write cycle ends when the master device creates a stop condition.
Figure 12. Write Cycle
8.5.1.6 Control-Register Read Cycle
•
The master device generates a start condition.
•
The master device sends the slave address (7 bits) and the data direction bit (R/W = 0).
•
The slave device sends an acknowledge signal if the slave address is correct.
•
The master device sends the control register address (8 bits).
•
The slave device sends an acknowledge signal.
•
The master device generates a repeated-start condition.
•
The master device sends the slave address (7 bits) and the data direction bit (R/W = 1).
•
The slave device sends an acknowledge signal if the slave address is correct.
•
The slave device sends the data byte from the addressed register.
•
If the master device sends an acknowledge signal, the control-register address is incremented by 1. The
slave device sends the data byte from the addressed register. To reduce program load time, the device
supports address auto incrementation. The register address is incremented after each 8 data bits.
•
The read cycle ends when the master device does not generate an acknowledge signal after a data byte and
generates a stop condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com