Electronic Components Datasheet Search
  English  ▼

X  

TIOS101 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TIOS101
Description  Digital Sensor Output Drivers with Integrated Surge Protection
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TIOS101 Datasheet(HTML) 2 Page - Texas Instruments

  TIOS101 Datasheet HTML 1Page - Texas Instruments TIOS101 Datasheet HTML 2Page - Texas Instruments TIOS101 Datasheet HTML 3Page - Texas Instruments TIOS101 Datasheet HTML 4Page - Texas Instruments TIOS101 Datasheet HTML 5Page - Texas Instruments TIOS101 Datasheet HTML 6Page - Texas Instruments TIOS101 Datasheet HTML 7Page - Texas Instruments TIOS101 Datasheet HTML 8Page - Texas Instruments TIOS101 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
2
TIOS101, TIOS1013, TIOS1015
SLLSEV6B – JULY 2017 – REVISED JUNE 2019
www.ti.com
Product Folder Links: TIOS101 TIOS1013 TIOS1015
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 5
6.5
Electrical Characteristics........................................... 5
6.6
Switching Characteristics .......................................... 6
6.7
Typical Characteristics .............................................. 7
7
Parameter Measurement Information .................. 8
8
Detailed Description .............................................. 9
8.1
Overview ................................................................... 9
8.2
Functional Block Diagrams ....................................... 9
8.3
Feature Description................................................. 10
8.4
Device Functional Modes........................................ 15
9
Application and Implementation ........................ 17
9.1
Application Information............................................ 17
9.2
Typical Application ................................................. 17
10
Power Supply Recommendations ..................... 21
11
Layout................................................................... 22
11.1
Layout Guidelines ................................................. 22
11.2
Layout Example .................................................... 22
12
Device and Documentation Support ................. 23
12.1
Receiving Notification of Documentation Updates 23
12.2
Community Resources.......................................... 23
12.3
Trademarks ........................................................... 23
12.4
Electrostatic Discharge Caution ............................ 23
12.5
Glossary ................................................................ 23
13
Mechanical, Packaging, and Orderable
Information ........................................................... 23
4 Revision History
Changes from Revision A (August 2018) to Revision B
Page
•
Added device numbers TIOS1013 and TIOS1015 to the data sheet .................................................................................... 1
•
Changed all TIOS101-3 To: TIOS1013 and TIOS101-5 To: TIOS1015 ................................................................................ 1
•
Changed Feature From: Reverse Polarity Protection of up to 55 V on VCC To: Reverse Polarity Protection of up to
60 V on VCC .......................................................................................................................................................................... 1
•
Changed the Supply voltage values From: MIN = –55 V, MAX = 50 V To: MIN = –60 V, MAX = 60 V in the Absolute
Maximum Ratings ................................................................................................................................................................... 4
•
Changed the Voltage difference Max value From: 55 V To: 60 V in the Absolute Maximum Ratings................................... 4
•
Changed |55 V| To: |60 V| in the Leakage current Test Conditions in the Electrical Characteristics .................................... 6
•
Changed text From: "not exceed 55 V DC at any time." To: "not exceed 60 V DC at any time." in the Reverse
Polarity Protection section .................................................................................................................................................... 13
Changes from Original (July 2017) to Revision A
Page
•
Changed the Thermal Information table values ..................................................................................................................... 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com