Electronic Components Datasheet Search
  English  ▼

X  

TIOS101 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TIOS101
Description  Digital Sensor Output Drivers with Integrated Surge Protection
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TIOS101 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TIOS101 Datasheet HTML 8Page - Texas Instruments TIOS101 Datasheet HTML 9Page - Texas Instruments TIOS101 Datasheet HTML 10Page - Texas Instruments TIOS101 Datasheet HTML 11Page - Texas Instruments TIOS101 Datasheet HTML 12Page - Texas Instruments TIOS101 Datasheet HTML 13Page - Texas Instruments TIOS101 Datasheet HTML 14Page - Texas Instruments TIOS101 Datasheet HTML 15Page - Texas Instruments TIOS101 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
12
TIOS101, TIOS1013, TIOS1015
SLLSEV6B – JULY 2017 – REVISED JUNE 2019
www.ti.com
Product Folder Links: TIOS101 TIOS1013 TIOS1015
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
8.3.5 Device Function Tables
Table 2. Driver Function
EN
IN
OUT
COMMENT
L / Open
X
Hi-Z
Device is in ready-to-receive state
H
L
H
OUT is sourcing current (high-side drive)
H
H / Open
L
OUT is sinking current (low-side drive)
Table 3. Current Limit Indicator Function (t > tSC)
EN
IN
OUT CURRENT
NFAULT
COMMENT
H
H / Open
| I(OUT) | > IO(LIM)
L
OUT current exceeds the set limit for over tSC
| I(OUT) | < IO(LIM)
Z
Normal operation
H
L
| I(OUT) | > IO(LIM)
L
OUT current exceeds the set limit for over tSC
| I(OUT) | < IO(LIM)
Z
Normal operation
L / Open
X
X
Z
Driver is disabled, current limit indicator is inactive
8.3.6 The Integrated Voltage Regulator (LDO)
The TIOS1013 and TIOS1015 each have an integrated linear voltage regulator (LDO) which can supply power to
external components. The voltage regulator is specified for VCC voltages in the range of 7 V to 36 V with respect
to GND. The LDO is capable of delivering up to 20 mA. The LDO output is current limited to 35-mA to limit the
inrush current onto VCC_OUT decoupling capacitors during initial power up.
The LDO is designed to be stable with standard ceramic capacitors with values of 1 μF or larger at the output.
X5R- and X7R-type capacitors are best because they have minimal variation in value and ESR over temperature.
Maximum ESR should be less than 1 Ω. With tolerance and dc bias effects, the minimum capacitance to ensure
stability is 1 μF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com