Electronic Components Datasheet Search
  English  ▼

X  

TIOS101 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TIOS101
Description  Digital Sensor Output Drivers with Integrated Surge Protection
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TIOS101 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TIOS101 Datasheet HTML 23Page - Texas Instruments TIOS101 Datasheet HTML 24Page - Texas Instruments TIOS101 Datasheet HTML 25Page - Texas Instruments TIOS101 Datasheet HTML 26Page - Texas Instruments TIOS101 Datasheet HTML 27Page - Texas Instruments TIOS101 Datasheet HTML 28Page - Texas Instruments TIOS101 Datasheet HTML 29Page - Texas Instruments TIOS101 Datasheet HTML 30Page - Texas Instruments TIOS101 Datasheet HTML 31Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
www.ti.com
PACKAGE OUTLINE
C
10X
0.29
0.19
1.95 0.1
10X
0.475
0.275
2X
2
1.65 0.1
8X 0.5
1 MAX
0.05
0.00
B
3.1
2.9
A
2.6
2.4
(0.2) TYP
VSON - 1 mm max height
DMW0010A
PLASTIC SMALL OUTLINE - NO LEAD
4223225/A 08/2016
PIN 1 INDEX AREA
SEATING PLANE
0.08 C
1
5
6
10
(OPTIONAL)
PIN 1 ID
0.1
C A B
0.05
C
THERMAL PAD
EXPOSED
11
SYMM
SYMM
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
SCALE 4.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com