Electronic Components Datasheet Search
  English  ▼

X  

TIOS101 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TIOS101
Description  Digital Sensor Output Drivers with Integrated Surge Protection
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TIOS101 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TIOS101 Datasheet HTML 4Page - Texas Instruments TIOS101 Datasheet HTML 5Page - Texas Instruments TIOS101 Datasheet HTML 6Page - Texas Instruments TIOS101 Datasheet HTML 7Page - Texas Instruments TIOS101 Datasheet HTML 8Page - Texas Instruments TIOS101 Datasheet HTML 9Page - Texas Instruments TIOS101 Datasheet HTML 10Page - Texas Instruments TIOS101 Datasheet HTML 11Page - Texas Instruments TIOS101 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
EN
OUT
50%
50%
tPLZ
20%
EN
OUT
50%
50%
tPZH
tPHZ
80%
tPLZ
VOL
VVCC/2
IN = High
IN = Low
VOH
VVCC/2
tr
tf
VOL
VOH
VOH
VOL
80%
20%
80%
20%
IN
OUT
50%
50%
tPHL
tPHL
VOL
VOH
OUT
OUT
OUT
IN
EN
RL
CL
RL
VCC
8
TIOS101, TIOS1013, TIOS1015
SLLSEV6B – JULY 2017 – REVISED JUNE 2019
www.ti.com
Product Folder Links: TIOS101 TIOS1013 TIOS1015
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
7 Parameter Measurement Information
Figure 5. Test Circuit for Driver Switching
Figure 6. Waveforms for Driver Output Switching Measurements
Figure 7. Waveforms for Driver Enable or Disable Time Measurements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com