Electronic Components Datasheet Search
  English  ▼

X  

TIOS101 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TIOS101
Description  Digital Sensor Output Drivers with Integrated Surge Protection
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TIOS101 Datasheet(HTML) 4 Page - Texas Instruments

  TIOS101 Datasheet HTML 1Page - Texas Instruments TIOS101 Datasheet HTML 2Page - Texas Instruments TIOS101 Datasheet HTML 3Page - Texas Instruments TIOS101 Datasheet HTML 4Page - Texas Instruments TIOS101 Datasheet HTML 5Page - Texas Instruments TIOS101 Datasheet HTML 6Page - Texas Instruments TIOS101 Datasheet HTML 7Page - Texas Instruments TIOS101 Datasheet HTML 8Page - Texas Instruments TIOS101 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
4
TIOS101, TIOS1013, TIOS1015
SLLSEV6B – JULY 2017 – REVISED JUNE 2019
www.ti.com
Product Folder Links: TIOS101 TIOS1013 TIOS1015
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with reference to the GND pin, unless otherwise specified.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
Supply voltage
Steady state voltage for VCC and OUT
–60
60
V
Transient pulse width < 100 µs for VCC and OUT
–65
65
V
Voltage difference
|V(VCC) – V(OUT)|
60
V
Logic supply voltage (TIOS101)
VCC_IN
–0.3
6
V
Input logic voltage
IN, EN, ILIM_ADJ
–0.3
6
V
Output current
NFAULT
–5
5
mA
Storage temperature, Tstg
-55
170
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
Minimum 100-nF capacitor is required between VCC and GND. Minimum 1-µF capacitor is required between VCC_IN/OUT and GND.
(3)
Passing level is ±4500 V if the device is powered and EN=IN=HIGH.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC
JS-001(1)
All pins
±4000
V
Contact discharge, per IEC 61000-4-2(2)(3)
Pins VCC, OUT
and GND
±16000
Electrical fast transient, per IEC 61000-4-4 (2)
±4000
Surge protection with 500
Ω, per IEC 61000-4-5;
1.2/50 μs (2)
±1200
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
V(VCC)
Supply voltage
7
24
36
V
V(VCC_IN)
Logic level input voltage (TIOS101 only)
3.3 V configuration
3
3.3
3.6
V
5 V configuration
4.5
5
5.5
V
RSET
External resistor for OUT current limit
0
100
kΩ
1/tBIT
Signaling rate (push-pull mode)
250
kbps
I(VCC_OUT)
LDO output current (TIOS1013 and TIOS1015 only)
20
mA
TA
Operating ambient temperature
–40
125
°C
TJ
Junction temperature
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com