Electronic Components Datasheet Search
  English  ▼

X  

DVME28FULKB Datasheet(PDF) 14 Page - VPT, Inc.

Part # DVME28FULKB
Description  HIGH RELIABILITY HYBRID EMI FILTERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VPT [VPT, Inc.]
Direct Link  https://www.vptpower.com/
Logo VPT - VPT, Inc.

DVME28FULKB Datasheet(HTML) 14 Page - VPT, Inc.

Back Button DVME28FULKB Datasheet HTML 8Page - VPT, Inc. DVME28FULKB Datasheet HTML 9Page - VPT, Inc. DVME28FULKB Datasheet HTML 10Page - VPT, Inc. DVME28FULKB Datasheet HTML 11Page - VPT, Inc. DVME28FULKB Datasheet HTML 12Page - VPT, Inc. DVME28FULKB Datasheet HTML 13Page - VPT, Inc. DVME28FULKB Datasheet HTML 14Page - VPT, Inc. DVME28FULKB Datasheet HTML 15Page - VPT, Inc. DVME28FULKB Datasheet HTML 16Page - VPT, Inc.  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
DVME28 Series
DVME28-6.0
14
ENVIRONMENTAL SCREENING (100% Tested Per MIL-STD-883 as referenced to MIL-PRF-38534)
Test
MIL-STD-883
Test Method, Condition
No Suffix
(Standard)
Non-QML
⑤
⑤
⑤
⑤
/ES
(Extended)
Non-QML
⑤
⑤
⑤
⑤
/HB
(HB)
Non-QML
⑤
⑤
⑤
⑤
/H
(Class H)
⑧
/KB
(KB)
Non-QML
⑤
⑤
⑤
⑤
/K
(Class K)
⑧
Internal
Visual
TM2010, TM2017, TM2032
(MIL-STD-750, TM2072,
TM2073)
●
●
●
●
●
●
Temperature
Cycling
TM1010, Condition C
-65°C to 150°C, Ambient
●
●
●
●
TM1010, Condition B
-55°C to 125°C, Ambient
●
Constant
Acceleration
TM2001, 3000g, Y1 Direction
●
●
●
●
TM2001, 500g,
Y1 Direction
●
PIND ⑥
TM2020, Condition A
●
●
Pre Burn-In
Electrical
25°C
●
●
Burn-In
TM1015, 320 hrs,
125°C, Case Typ
●
●
TM1015, 160 hrs,
125°C, Case Typ
●
●
96 hrs, 125°C, Case Typ
●
24 hrs, 125°C, Case Typ
●
Final
Electrical
MIL-PRF-38534, Group A
Subgroups 1-6
-55°C, 25°C, 125°C ③
●
●
●
●
MIL-PRF-38534, Group A
Subgroups 1 and 4
25°C
●
●
Hermeticity
(Seal)
TM1014, Fine Leak,
Condition A2 or B1
●
●
●
●
●
TM1014, Gross Leak,
Condition C or B2
●
●
●
●
●
Gross Leak, Dip (1 x 10
-3)
●
Radiography
⑦
TM2012
●
●
External
Visual
TM2009
●
●
●
●
●
●
Notes:
①
Contact Sales for more information concerning additional environmental screening and testing options desired.
②
VPT Inc. reserves the right to ship higher screened or SMD products to meet lower screened orders at our sole discretion unless
specifically forbidden by customer contract.
③
100% R&R testing with all test data included in product shipment.
④
Note intentionally not used.
⑤
Non-QML products may not meet all requirements of MIL-PRF-38534.
⑥
PIND test Certificate of Compliance included in product shipment.
⑦
Radiographic test Certificate of Compliance and film(s) or data CD included in product shipment.
⑧
QML screening levels are not available for products with Up-Leaded or Down-Leaded pin extensions added.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com