Electronic Components Datasheet Search
  English  ▼

X  

DVME28FULKB Datasheet(PDF) 12 Page - VPT, Inc.

Part # DVME28FULKB
Description  HIGH RELIABILITY HYBRID EMI FILTERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VPT [VPT, Inc.]
Direct Link  https://www.vptpower.com/
Logo VPT - VPT, Inc.

DVME28FULKB Datasheet(HTML) 12 Page - VPT, Inc.

Back Button DVME28FULKB Datasheet HTML 8Page - VPT, Inc. DVME28FULKB Datasheet HTML 9Page - VPT, Inc. DVME28FULKB Datasheet HTML 10Page - VPT, Inc. DVME28FULKB Datasheet HTML 11Page - VPT, Inc. DVME28FULKB Datasheet HTML 12Page - VPT, Inc. DVME28FULKB Datasheet HTML 13Page - VPT, Inc. DVME28FULKB Datasheet HTML 14Page - VPT, Inc. DVME28FULKB Datasheet HTML 15Page - VPT, Inc. DVME28FULKB Datasheet HTML 16Page - VPT, Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
DVME28 Series
DVME28-6.0
12
FLANGED PACKAGE DRAWINGS
1. Tolerances are +0.005” unless otherwise stated
2. Case temperature is measured on the center of the baseplate surface
3. Mounting holes are not threaded. Recommended fastener is 4-40
4. Product Materials:
Case (Steel, gold over nickel plated); Cover (Kovar, nickel plated); Pin (Copper-cored alloy 52, gold over nickel plated); Pin Seals (Glass)
5. Pin Extension Materials:
Body (Diallyl-Phthalate/DAP, WH-9100-BLK F-Type or equivalent), Pins (Copper Alloy, Sn90/Pb10 solder plated)
Pin
Function
Pin
Function
Pin
Function
Pin
Function
1
28V IN
4
IN COM
7
OUT COM
10
28V OUT
2
28V IN
5
IN COM
8
OUT COM
11
28V OUT
3
28V IN
6
IN COM
9
OUT COM
12
28V OUT
Figure 16 – Flanged Package with Up-Leads and Pinout
(2.845in [72.26] PIN EDGE TO PIN EDGE)
2.800in 71.12mm
PIN CENTER TO PIN CENTER
1.150in 29.21mm
0.130in 3.30mm
0.525in 13.34mm
1.750in 44.45mm
0.825in 20.96mm
1
2
3
4
5
6
7
8
9
10
11
12
0.100in 2.54mm
0.462in 11.73mm
0.379in 9.63mm
REFERENCE
BASEPLATE
SURFACE
(BOTTOM)
12X PIN
0.040"
0.002"
[1.02mm]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com