Electronic Components Datasheet Search
  English  ▼

X  

DVME28FULKB Datasheet(PDF) 1 Page - VPT, Inc.

Part # DVME28FULKB
Description  HIGH RELIABILITY HYBRID EMI FILTERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VPT [VPT, Inc.]
Direct Link  https://www.vptpower.com/
Logo VPT - VPT, Inc.

DVME28FULKB Datasheet(HTML) 1 Page - VPT, Inc.

  DVME28FULKB Datasheet HTML 1Page - VPT, Inc. DVME28FULKB Datasheet HTML 2Page - VPT, Inc. DVME28FULKB Datasheet HTML 3Page - VPT, Inc. DVME28FULKB Datasheet HTML 4Page - VPT, Inc. DVME28FULKB Datasheet HTML 5Page - VPT, Inc. DVME28FULKB Datasheet HTML 6Page - VPT, Inc. DVME28FULKB Datasheet HTML 7Page - VPT, Inc. DVME28FULKB Datasheet HTML 8Page - VPT, Inc. DVME28FULKB Datasheet HTML 9Page - VPT, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
DVME28 Series
DVME28-6.0
http://www.vptpower.com
Sales Information:
Phone: (425) 353-3010
Fax: (425) 353-4030
E-mail: vptsales@vptpower.com
1
HIGH RELIABILITY HYBRID
EMI FILTERS
DESCRIPTION
The DVME series of hybrid EMI filters is operable
over the full military (-55 °C to +125 °C) temperature
range with no power derating. The DVME EMI filter
is designed to filter conducted emissions of two
DVFL series DC-DC converters.
These filters are designed and manufactured in a
facility qualified to ISO9001 and certified to MIL-
PRF-38534 and MIL-STD-883.
This product may incorporate one or more of the
following U.S. patents:
5,784,266
5,790,389
5,963,438
5,999,433
6,005,780
6,084,792
6,118,673
FEATURES
•
High Reliability
•
Wide Input Voltage Range: 0 to 50 Volts per
MIL-STD-704
•
Up to 15.0 Amps Maximum Current
•
40 dB Minimum Attenuation at 500 kHz
•
Industry Standard Pinout
•
High Input Transient Voltage: 80 Volts for 1 sec
per MIL-STD-704A
•
Precision Seam Welded Hermetic Package
•
Custom Versions Available
•
Additional Environmental Screening Available
•
Meets MIL-STD-461C and MIL-STD-461D EMC
Requirements
•
Protects Against Conducted Susceptibility
Specified in MIL-STD-461C, CS01 and CS02
•
MIL-PRF-38534 Element Evaluated
Components
Figure 1 – DVME28 EMI Filter
(
Exact marking may differ from that shown)


Similar Part No. - DVME28FULKB

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DVME28 DELTA-DVME28 Datasheet
265Kb / 13P
HIGH RELIABILITY HYBRID EMI FILTERS
DVME28-XXX DELTA-DVME28-XXX Datasheet
265Kb / 13P
HIGH RELIABILITY HYBRID EMI FILTERS
DVME28/ES-XXX DELTA-DVME28/ES-XXX Datasheet
265Kb / 13P
HIGH RELIABILITY HYBRID EMI FILTERS
DVME28/H-XXX DELTA-DVME28/H-XXX Datasheet
265Kb / 13P
HIGH RELIABILITY HYBRID EMI FILTERS
DVME28/HB-XXX DELTA-DVME28/HB-XXX Datasheet
265Kb / 13P
HIGH RELIABILITY HYBRID EMI FILTERS
More results

Similar Description - DVME28FULKB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DVMA28 ETC-DVMA28 Datasheet
310Kb / 9P
HIGH RELIABILITY HYBRID EMI FILTERS
DVMC28 ETC-DVMC28 Datasheet
394Kb / 12P
HIGH RELIABILITY HYBRID EMI FILTERS
logo
Delta Electronics, Inc.
DV-704A DELTA-DV-704A Datasheet
344Kb / 12P
HIGH RELIABILITY HYBRID EMI FILTERS
DVMD28 DELTA-DVMD28 Datasheet
293Kb / 11P
HIGH RELIABILITY HYBRID EMI FILTERS
DVME28 DELTA-DVME28 Datasheet
265Kb / 13P
HIGH RELIABILITY HYBRID EMI FILTERS
DVMSA28 DELTA-DVMSA28 Datasheet
317Kb / 9P
HIGH RELIABILITY HYBRID EMI FILTERS
logo
VPT, Inc.
DVMA28 VPT-DVMA28 Datasheet
515Kb / 11P
HIGH RELIABILITY HYBRID EMI FILTERS
DVMC28 VPT-DVMC28 Datasheet
498Kb / 12P
HIGH RELIABILITY HYBRID EMI FILTERS
DVMD28 VPT-DVMD28 Datasheet
1Mb / 11P
HIGH RELIABILITY HYBRID EMI FILTERS
DVMSA28 VPT-DVMSA28 Datasheet
337Kb / 9P
HIGH RELIABILITY HYBRID EMI FILTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com