Electronic Components Datasheet Search
  English  ▼

X  

DVME28FULKB Datasheet(PDF) 2 Page - VPT, Inc.

Part # DVME28FULKB
Description  HIGH RELIABILITY HYBRID EMI FILTERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VPT [VPT, Inc.]
Direct Link  https://www.vptpower.com/
Logo VPT - VPT, Inc.

DVME28FULKB Datasheet(HTML) 2 Page - VPT, Inc.

  DVME28FULKB Datasheet HTML 1Page - VPT, Inc. DVME28FULKB Datasheet HTML 2Page - VPT, Inc. DVME28FULKB Datasheet HTML 3Page - VPT, Inc. DVME28FULKB Datasheet HTML 4Page - VPT, Inc. DVME28FULKB Datasheet HTML 5Page - VPT, Inc. DVME28FULKB Datasheet HTML 6Page - VPT, Inc. DVME28FULKB Datasheet HTML 7Page - VPT, Inc. DVME28FULKB Datasheet HTML 8Page - VPT, Inc. DVME28FULKB Datasheet HTML 9Page - VPT, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
DVME28 Series
DVME28-6.0
2
SPECIFICATIONS (T
CASE = -55°C to +125°C, VIN = +28V ± 5%, Full Load, Unless Otherwise Specified)
ABSOLUTE MAXIMUM RATINGS
Input Voltage (Continuous)
50 VDC
Storage Temperature
-65°C to +150°C
Input Voltage (Transient, 1 second)
80 Volts
Lead Solder Temperature (10 seconds)
300°C
Output Current
15.0 Amps
Weight (Maximum) – without Pin Extensions
83 grams
Parameter
Conditions
DVME28
Units
Min
Typ
Max
STATIC
INPUT
Voltage
2
Continuous
0
28
50
V
Transient, 1 sec
-
-
80
V
Current
1,2,3
Continuous
0
-
15.0
A
OUTPUT
Voltage
2
Continuous
VOUT = VIN – (IIN x RDC)
V
Current
2,3
Continuous
0
-
15.0
A
DC RESISTANCE
Continuous
-
-
70
mΩ
POWER DISSIPATION
2
Continuous
-
-
15.75
W
NOISE REJECTION
f = 500 kHz
40
-
-
dB
CAPACITANCE
Pin to Case
60
-
100
nF
ISOLATION
Any Pin to Case, 500 VDC
100
-
-
MΩ
MTBF (MIL-HDBK-217F)
AIF @ TC = 55°C
-
0.957
-
MHrs
Notes:
1. Derate linearly to 0 at 135°C.
2. Verified by qualification testing.
3. Rated current applies at any voltage.
BLOCK DIAGRAM
Figure 2
28V IN
PINS 1, 2, 3
IN COM
PINS 4, 5, 6
28V OUT
PINS 10, 11, 12
OUT COM
PINS 7, 8, 9
CASE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com