Electronic Components Datasheet Search
  English  ▼

X  

DVME28FULKB Datasheet(PDF) 11 Page - VPT, Inc.

Part # DVME28FULKB
Description  HIGH RELIABILITY HYBRID EMI FILTERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VPT [VPT, Inc.]
Direct Link  https://www.vptpower.com/
Logo VPT - VPT, Inc.

DVME28FULKB Datasheet(HTML) 11 Page - VPT, Inc.

Back Button DVME28FULKB Datasheet HTML 7Page - VPT, Inc. DVME28FULKB Datasheet HTML 8Page - VPT, Inc. DVME28FULKB Datasheet HTML 9Page - VPT, Inc. DVME28FULKB Datasheet HTML 10Page - VPT, Inc. DVME28FULKB Datasheet HTML 11Page - VPT, Inc. DVME28FULKB Datasheet HTML 12Page - VPT, Inc. DVME28FULKB Datasheet HTML 13Page - VPT, Inc. DVME28FULKB Datasheet HTML 14Page - VPT, Inc. DVME28FULKB Datasheet HTML 15Page - VPT, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
DVME28 Series
DVME28-6.0
11
FLANGED PACKAGE DRAWINGS
1. Tolerances are +0.005” unless otherwise stated
2. Case temperature is measured on the center of the baseplate surface
3. Mounting holes are not threaded. Recommended fastener is 4-40
4. Product Materials:
Case (Steel, gold over nickel plated); Cover (Kovar, nickel plated); Pin (Copper-cored alloy 52, gold over nickel plated); Pin Seals (Glass)
5. Pin Extension Materials:
Body (Diallyl-Phthalate/DAP, WH-9100-BLK F-Type or equivalent), Pins (Copper Alloy, Sn90/Pb10 solder plated)
Pin
Function
Pin
Function
Pin
Function
Pin
Function
1
28V IN
4
IN COM
7
OUT COM
10
28V OUT
2
28V IN
5
IN COM
8
OUT COM
11
28V OUT
3
28V IN
6
IN COM
9
OUT COM
12
28V OUT
Figure 15 – Flanged Package with Down-Leads and Pinout
1.150in 29.21mm
(2.845in [72.26] PIN EDGE TO PIN EDGE)
2.800in 71.12mm
PIN CENTER TO PIN CENTER
0.825in 20.96mm
0.130in
3.30mm
1.750in 44.45mm
0.525in 13.34mm
0.100in 2.54mm
0.401in 10.19mm
0.318in 8.08mm
REFERENCE
BASEPLATE
SURFACE
(BOTTOM)
12X PIN
0.040"
0.002"
[1.02mm]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com