Electronic Components Datasheet Search
  English  ▼

X  

ADF41513 Datasheet(PDF) 5 Page - Analog Devices

Part # ADF41513
Description  26.5 GHz, Integer N/Fractional-N, PLL Synthesizer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF41513 Datasheet(HTML) 5 Page - Analog Devices

  ADF41513 Datasheet HTML 1Page - Analog Devices ADF41513 Datasheet HTML 2Page - Analog Devices ADF41513 Datasheet HTML 3Page - Analog Devices ADF41513 Datasheet HTML 4Page - Analog Devices ADF41513 Datasheet HTML 5Page - Analog Devices ADF41513 Datasheet HTML 6Page - Analog Devices ADF41513 Datasheet HTML 7Page - Analog Devices ADF41513 Datasheet HTML 8Page - Analog Devices ADF41513 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
Data Sheet
ADF41513
Rev. 0 | Page 5 of 30
TIMING CHARACTERISTICS
AVDDx = AVDD1 = AVDD2 = AVDD3 = AVDD4 = AVDD5 = VP = 3.3 V ± 5%, GND = 0 V, RSET = 1.8 kΩ, dBm referred to 50 Ω, TA = TMIN (−40°C)
to TMAX (+105°C), unless otherwise noted.
Table 2. Read and Write Timing
Parameter
Limit at TMIN to TMAX
Unit
Test Conditions/Comments
t1
10
ns min
LE setup time
t2
5
ns min
DATA to CLK setup time
t3
5
ns min
DATA to CLK hold time
t4
12.5
ns min
CLK high duration
t5
12.5
ns min
CLK low duration
t6
5
ns min
CLK to LE setup time
t7
10
ns min
LE pulse width
t8
20
ns max
LE setup time to MUXOUT when MUXOUT is configured as SPI output
t9
20
ns max
CLK setup time to MUXOUT when MUXOUT is configured as SPI output
Timing Diagram
CLK
DATA
LE
DB30
DB1
(CONTROL BIT C2)
DB2
(CONTROL BIT C3)
DB0 (LSB)
(CONTROL BIT C1)
t1
t2
t3
t4
t5
t7
t6
DB31 (MSB)
DB0
DB1
t8
t9
DB31
(MSB)
DB30
MUXOUT
Figure 2. Read and Write Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com