Electronic Components Datasheet Search
  English  ▼

X  

ADF41513 Datasheet(PDF) 26 Page - Analog Devices

Part # ADF41513
Description  26.5 GHz, Integer N/Fractional-N, PLL Synthesizer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF41513 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADF41513 Datasheet HTML 22Page - Analog Devices ADF41513 Datasheet HTML 23Page - Analog Devices ADF41513 Datasheet HTML 24Page - Analog Devices ADF41513 Datasheet HTML 25Page - Analog Devices ADF41513 Datasheet HTML 26Page - Analog Devices ADF41513 Datasheet HTML 27Page - Analog Devices ADF41513 Datasheet HTML 28Page - Analog Devices ADF41513 Datasheet HTML 29Page - Analog Devices ADF41513 Datasheet HTML 30Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
ADF41513
Data Sheet
Rev. 0 | Page 26 of 30
REGISTER 12 (R12) MAP
MUXOUT
Register 12, Bits[31:28] select the MUXOUT signal. Register
data can be read either by selecting the serial data output or via
a readback. Serial data output sends the 32 bits of register data
that was written in the previous access. A readback sends the
data as defined by the readback select bits, Register 12,
Bits[19:14].
Logic Level
Register 12, Bit 27 selects the DLD and MUXOUT logic level.
Master Reset
Register 12, Bit 22 = 1 resets all registers to all zeros.
LE Select
Register 12, Bit 20 = 1 synchronizes the rising edge of LE on an
SPI write with the falling edge of the reference signal. This recom-
mended setting ensures there is no glitch from asynchronous
loading. Set Register 12, Bit 20 = 0 if it is necessary to write data
into the ADF41513 when no reference is present.
Readback Select
Register 12, Bits[19:14] select the value to be read back. For
more information, see the Readback section.
DB31
RESERVED
DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9
DB8
DB7
DB6
DB5
DB4
DB3 DB2
DB1
DB0
M4
M3
M2
M1
0
0
0
0
0
LL
MR1
L1
R6
R5
R4
R3
R2
R1
0
0
0
0
0
0
0
0
0
0
C
C4(1)
3(1) C2(0) C1(0)
MUXOUT REGISTER (R12)
MUXOUT
RESERVED
READBACK
SELECT
CONTROL
BITS
M4 M3 M2
M1
OUTPUT
0
0
0
0
THREE-STATE OUTPUT
0
0
0
1
DVDD
0
0
1
0
DGND
0
0
1
1
R DIVIDER OUTPUT
0
1
0
0
N DIVIDER OUTPUT
0
1
0
1
RESERVED
0
1
1
0
DIGITAL LOCK DETECT
0
1
1
1
SERIAL DATA OUTPUT
1
0
0
0
READBACK
1
0
0
1
RESERVED
1
0
1
0
CLK1 DIVIDER OUTPUT
1
0
1
1
RESERVED
1
1
0
0
RESERVED
1
1
0
1
R DIVIDER/2
1
1
1
0
N DIVIDER/2
1
1
1
1
RESERVED
R6
R5
R4
R3
R2
R1
READBACK SELECT
0
0
0
0
0
0
0
0
0
0
0
1
0
0
0
0
1
0
0
0
0
0
1
1
0
0
0
1
0
0
0
0
0
1
0
1
0
0
0
1
1
0
0
0
0
1
1
1
0
0
1
0
0
0
0
0
1
0
0
1
0
0
1
0
1
0
0
0
1
0
1
1
0
0
1
1
0
0
0
0
1
1
0
1
0
0
1
1
1
0
0
0
1
1
1
1
32 ZEROS
R0
R1
R2
R3
R4
R5
R6
R7
R8
R9
R10
R11
R12
R13
INT (16-BIT R0[19:4] VALUE)
0
1
0
0
0
0
0
1
0
0
0
1
0
1
0
0
1
0
0
1
0
0
1
1
0
1
0
1
0
0
0
1
0
1
0
1
0
1
0
1
1
0
0
1
0
1
1
1
0
1
1
0
0
0
1
0
0
1
0
1
1
0
0
1
1
1
1
0
1
0
0
0
1
1
0
1
0
1
1
1
0
1
1
0
1
1
0
1
1
1
1
1
1
0
0
0
FRAC (7-BIT R1[10:4] VALUE)
32 ZEROS
RESERVED
REVISION CODE
MR1 MASTER RESET
0
NORMAL OPERATION
RESETS ALL REGISTERS
1
L1
LE SEL
0
LE FROM PIN
LE SYNCHRONIZED WITH
RISING EDGE OF
R DIVIDER OUTPUT
1
LL
DLD AND MUXOUT LEVEL
0
1.8V LOGIC HIGH
3.3V LOGIC HIGH
1
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
Figure 35. Register 12 (R12) Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com