Electronic Components Datasheet Search
  English  ▼

X  

ADF41513 Datasheet(PDF) 16 Page - Analog Devices

Part # ADF41513
Description  26.5 GHz, Integer N/Fractional-N, PLL Synthesizer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF41513 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADF41513 Datasheet HTML 12Page - Analog Devices ADF41513 Datasheet HTML 13Page - Analog Devices ADF41513 Datasheet HTML 14Page - Analog Devices ADF41513 Datasheet HTML 15Page - Analog Devices ADF41513 Datasheet HTML 16Page - Analog Devices ADF41513 Datasheet HTML 17Page - Analog Devices ADF41513 Datasheet HTML 18Page - Analog Devices ADF41513 Datasheet HTML 19Page - Analog Devices ADF41513 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
ADF41513
Data Sheet
Rev. 0 | Page 16 of 30
RESERVED
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
0
0
0
0
0
0
0
C
C4(1)
3(0) C2(1) C1(0)
RESERVED REGISTER (R10)
CONTROL
BITS
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9
DB8
DB7
DB6
DB5
DB4
DB3 DB2
DB1
DB0
PDS
0
0
C
C4(1)
3(0) C2(1) C1(1)
RESERVED REGISTER (R11)
RESERVED
CONTROL
BITS
DB31
RESERVED
DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9
DB8
DB7
DB6
DB5
DB4
DB3 DB2
DB1
DB0
M4
M3
M2
M1
0
0
0
0
0
LL
MR1
L1
R6
R5
R4
R3
R2
R1
0
0
0
0
0
0
0
0
0
0
C
C4(1)
3(1) C2(0) C1(0)
MUXOUT REGISTER (R12)
MUXOUT
RESERVED
READBACK
SELECT
CONTROL
BITS
DB31
RESERVED
DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9
DB8
DB7
DB6
DB5
DB4
DB3 DB2
DB1
DB0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
C
C4(1)
3(1) C2(0) C1(1)
RESERVED REGISTER (R13)
CONTROL
BITS
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Figure 22. Register Summary for Register 10 (R10) to Register 13 (R13)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com