Electronic Components Datasheet Search
  English  ▼

X  

AM29LV652D Datasheet(PDF) 38 Page - SPANSION

Part # AM29LV652D
Description  128 Megabit (16 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileIO Control
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29LV652D Datasheet(HTML) 38 Page - SPANSION

Back Button AM29LV652D Datasheet HTML 34Page - SPANSION AM29LV652D Datasheet HTML 35Page - SPANSION AM29LV652D Datasheet HTML 36Page - SPANSION AM29LV652D Datasheet HTML 37Page - SPANSION AM29LV652D Datasheet HTML 38Page - SPANSION AM29LV652D Datasheet HTML 39Page - SPANSION AM29LV652D Datasheet HTML 40Page - SPANSION AM29LV652D Datasheet HTML 41Page - SPANSION AM29LV652D Datasheet HTML 42Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 55 page
background image
36
Am29LV652D
October 29, 2004
PRELI M INARY
DC CHARACTERISTICS (For Two Am29LV065 Devices)
CMOS Compatible
Notes:
1. The ICC current listed is typically less than 2 mA/MHz, with OE# at VIH.
2. Maximum ICC specifications are tested with VCC = VCCmax.
3. ICC active while Embedded Erase or Embedded Program is in progress.
4. Assumes only one Am29LV065 die being programmed at the same time.
5. Automatic sleep mode enables the low power mode when addresses remain stable for tACC + 30 ns. Typical sleep mode current is
400 nA.
6. If VIO < VCC, maximum VIL for CE# (or CE2#) is 0.3 VIO. If VIO < VCC, minimum VIH for CE# (or CE2#) is 0.3 VIO.
7. Not 100% tested.
8. CE# can be replaced with CE2# when referring to the second device within the package.
9. Specifications in the table are for the Am29LV652 i.e. two Am29LV065 dice.
Parameter
Symbol
Parameter Description
Test Conditions
Min
Typ
Max
Unit
ILI
Input Load Current
VIN = VSS to VCC,
VCC = VCC max
±1.0
µA
ILIT
A9, ACC Input Load Current
VCC = VCC max; A9 = 12.5 V
70
µA
ILO
Output Leakage Current
VOUT = VSS to VCC,
VCC = VCC max
±1.0
µA
ICC1
VCC Active Read Current
(Notes 1, 2)
CE# (or CE2#) = VIL,
OE# = VIH
5 MHz
9
16
mA
1 MHz
2
4
ICC2
VCC Active Write Current (Notes 2, 3,
4)
CE# (or CE2#) = VIL, OE# = VIH
26
30
mA
ICC3
VCC Standby Current (Note 2)
CE#, CE2#, RESET# = VCC ± 0.3 V
0.4
10
µA
ICC4
VCC Reset Current (Note 2)
RESET# = VSS ± 0.3 V
0.4
10
µA
ICC5
Automatic Sleep Mode (Notes 2, 5)
VIH = VCC ± 0.3 V; VIL = VSS ± 0.3 V
0.4
10
µA
IACC
ACC Accelerated Program Current
(Note 4)
CE# = VIL, OE# = VIH
ACC
5
10
mA
VCC
15
30
mA
VIL
Input Low Voltage (Note 6)
–0.5
0.8
V
VIH
Input High Voltage (Note 6)
0.7 x VCC
VCC + 0.3
V
VHH
Voltage for ACC Program
Acceleration
VCC = 3.0 V ± 10%
11.5
12.5
V
VID
Voltage for Autoselect and
Temporary Sector Unprotect
VCC = 3.0 V ± 10%
8.5
12.5
V
VOL
Output Low Voltage
IOL = 4.0 mA, VCC = VCC min
0.45
V
VOH1
Output High Voltage (Note 7)
IOH = –2.0 mA, VCC = VCC min
0.85 VIO
V
VOH2
IOH = –100 µA, VCC = VCC min
VIO–0.4
V
VLKO
Low VCC Lock-Out Voltage (Note 7)
2.3
2.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com