Electronic Components Datasheet Search
  English  ▼

X  

AM29LV652D Datasheet(PDF) 41 Page - SPANSION

Part # AM29LV652D
Description  128 Megabit (16 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileIO Control
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29LV652D Datasheet(HTML) 41 Page - SPANSION

Back Button AM29LV652D Datasheet HTML 37Page - SPANSION AM29LV652D Datasheet HTML 38Page - SPANSION AM29LV652D Datasheet HTML 39Page - SPANSION AM29LV652D Datasheet HTML 40Page - SPANSION AM29LV652D Datasheet HTML 41Page - SPANSION AM29LV652D Datasheet HTML 42Page - SPANSION AM29LV652D Datasheet HTML 43Page - SPANSION AM29LV652D Datasheet HTML 44Page - SPANSION AM29LV652D Datasheet HTML 45Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 55 page
background image
October 29, 2004
Am29LV652D
39
PRELI M INARY
AC CHARACTERISTICS
Read-Only Operations
Notes:
1. All test setups assume VIO = VCC.
2. Not 100% tested.
3. See Figure 11, on page 38 and Table 12, on page 38 for
test specifications
4. CE# can be replaced with CE2# when referring to the second device within the package.
.
Parameter
Description
Test Setup
(Note 1)
Speed Options
JEDEC
Std.
90R
12R
Unit
tAVAV
tRC
Read Cycle Time (Note 2)
Min
90
120
ns
tAVQV
tACC
Address to Output Delay
CE#, OE# = VIL
Max
90
120
ns
tELQV
tCE
Chip Enable to Output Delay
OE# = VIL
Max
90
120
ns
tGLQV
tOE
Output Enable to Output Delay
Max
35
50
ns
tEHQZ
tDF
Chip Enable to Output High Z (Note 2)
Max
30
30
ns
tGHQZ
tDF
Output Enable to Output High Z (Note 2)
Max
30
30
ns
tAXQX
tOH
Output Hold Time From Addresses, CE# or
OE#, Whichever Occurs First
Min
0
ns
tOEH
Output Enable Hold
Time (Note 2)
Read
Min
0
ns
Toggle and
Data# Polling
Min
10
ns
tOH
tCE
Outputs
WE#
Addresses
CE# or CE2#
OE#
HIGH Z
Output Valid
HIGH Z
Addresses Stable
tRC
tACC
tOEH
tRH
tOE
tRH
0 V
RY/BY#
RESET#
tDF
Figure 13. Read Operation Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com